Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V31 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6V31
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6V31 Datasheet HTML 17Page - Microchip Technology MCP6V31 Datasheet HTML 18Page - Microchip Technology MCP6V31 Datasheet HTML 19Page - Microchip Technology MCP6V31 Datasheet HTML 20Page - Microchip Technology MCP6V31 Datasheet HTML 21Page - Microchip Technology MCP6V31 Datasheet HTML 22Page - Microchip Technology MCP6V31 Datasheet HTML 23Page - Microchip Technology MCP6V31 Datasheet HTML 24Page - Microchip Technology MCP6V31 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 21
MCP6V31/1U
4.2.1.3
Input Current Limits
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
into the input pins (see Section 1.1, Absolute Maximum
Ratings †). This requirement is independent of the volt-
age limits discussed previously.
Figure 4-6 shows one approach to protecting these
inputs. The resistors R1 and R2 limit the possible
current in or out of the input pins (and into D1 and D2).
The diode currents will dump onto VDD.
FIGURE 4-6:
Protecting the Analog Inputs
Against High Currents.
It is also possible to connect the diodes to the left of
resistors R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIN+ and
VIN–) should be very small.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common
mode voltage (VCM) is below ground (VSS); see
Figure 2-17.
4.2.2
RAIL-TO-RAIL OUTPUT
The output voltage range of the MCP6V31/1U zero-drift
op amps is VDD –20mV (minimum) and VSS +20 mV
(maximum) when RL =10kΩ is connected to VDD/2
and VDD = 5.5V. Refer to Figure 2-19 and Figure 2-20
for more information.
This op amp is designed to drive light loads; use
another amplifier to buffer the output from heavy loads.
4.3
Application Tips
4.3.1
INPUT OFFSET VOLTAGE OVER
TEMPERATURE
Table 1-1 gives both the linear and quadratic
temperature coefficients (TC1 and TC2) of input offset
voltage. The input offset voltage, at any temperature in
the specified range, can be calculated as follows:
EQUATION 4-1:
4.3.2
DC GAIN PLOTS
Figures 2-9 to 2-11 are histograms of the reciprocals
(in units of µV/V) of CMRR, PSRR and AOL,
respectively. They represent the change in input offset
voltage (VOS) with a change in common mode input
voltage (VCM), power supply voltage (VDD) and output
voltage (VOUT).
The 1/AOL histogram is centered near 0 µV/V because
the measurements are dominated by the op amp’s
input noise. The negative values shown represent
noise and tester limitations, not unstable behavior.
Production tests make multiple VOS measurements,
which validates an op amp's stability; an unstable part
would show greater VOS variability, or the output would
stick at one of the supply rails.
4.3.3
OFFSET AT POWER UP
When these parts power up, the input offset (VOS)
starts at its uncorrected value (usually less than
±5 mV). Circuits with high DC gain can cause the
output to reach one of the two rails. In this case, the
time to a valid output is delayed by an output overdrive
time (like tODR), in addition to the startup time (like
tSTR).
It can be simple to avoid this extra startup time.
Reducing the gain is one method. Adding a capacitor
across the feedback resistor (RF) is another method.
V1
R1
VDD
D1
min(R1,R2)>
VSS –min(V1,V2)
2mA
VOUT
V2
R2
D2
min(R1,R2)>
max(V1,V2)– VDD
2mA
U1
MCP6V3X
V
OS TA
()
V
OS
TC
1ΔTTC2ΔT
2
++
=
Where:
∆T=
TA –25°C
VOS(TA) = input offset voltage at TA
VOS = input offset voltage at +25°C
TC1 = linear temperature coefficient
TC2 = quadratic temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com