Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V31UT Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V31UT
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V31UT Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V31UT Datasheet HTML 1Page - Microchip Technology MCP6V31UT Datasheet HTML 2Page - Microchip Technology MCP6V31UT Datasheet HTML 3Page - Microchip Technology MCP6V31UT Datasheet HTML 4Page - Microchip Technology MCP6V31UT Datasheet HTML 5Page - Microchip Technology MCP6V31UT Datasheet HTML 6Page - Microchip Technology MCP6V31UT Datasheet HTML 7Page - Microchip Technology MCP6V31UT Datasheet HTML 8Page - Microchip Technology MCP6V31UT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25127A-page 1
MCP6V31/1U
Features
• High DC Precision:
-VOS Drift: ±50 nV/°C (maximum)
-VOS: ±8 µV (maximum)
-AOL: 120 dB (minimum, VDD =5.5V)
- PSRR: 120 dB (minimum, VDD =5.5V)
- CMRR: 120 dB (minimum, VDD =5.5V)
-Eni: 1.0 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.33 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Low Power and Supply Voltages:
-IQ: 23 µA/amplifier (typical)
- Wide Supply Voltage Range: 1.8V to 5.5V
• Small Packages
- Singles in SC70, SOT-23
•Easy to Use:
- Rail-to-Rail Input/Output
- Gain Bandwidth Product: 300 kHz (typical)
- Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V01/2/3: Auto-Zeroed, Spread Clock
• MCP6V06/7/8: Auto-Zeroed
• MCP6V26/7/8: Auto-Zeroed, Low Noise
• MCP6V11/1U: Zero-Drift, Low Power
Description
The Microchip Technology Inc. MCP6V31/1U family of
operational amplifiers provides input offset voltage
correction for very low offset and offset drift. These are
low power devices, with a gain bandwidth product of
300 kHz (typical). They are unity gain stable, have no
1/f noise, and have good Power Supply Rejection Ratio
(PSRR) and Common Mode Rejection Ratio (CMRR).
These products operate with a single supply voltage as
low as 1.8V, while drawing 23 µA/amplifier (typical) of
quiescent current.
The Microchip Technology Inc. MCP6V31/1U op amps
are offered in single (MCP6V31 and MCP6V31U)
packages. They were designed using an advanced
CMOS process.
Package Types
Typical Application Circuit
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6V31
SOT-23
MCP6V31U
SC70, SOT-23
VIN–
VSS
VOUT
1
2
3
5
4
VDD
VIN+
U1
MCP6XXX
Offset Voltage Correction for Power Driver
C2
R2
R1
R3
VDD/2
R4
VIN
VOUT
R2
VDD/2
R5
U2
MCP6V31
23 µA, 300 kHz Zero-Drift Op Amps


Similar Part No. - MCP6V31UT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36/6U/7/9 MICROCHIP-MCP6V36/6U/7/9 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V36T-E/OT MICROCHIP-MCP6V36T-E/OT Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36U MICROCHIP-MCP6V36U Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V36UT-E/LTY MICROCHIP-MCP6V36UT-E/LTY Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
More results

Similar Description - MCP6V31UT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V01 MICROCHIP-MCP6V01 Datasheet
1Mb / 44P
300 關A, Auto-Zeroed Op Amps
2008
MCP6V06 MICROCHIP-MCP6V06 Datasheet
1Mb / 44P
300 關A, Auto-Zeroed Op Amps
2008
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com