Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3911A0-E/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3911A0-E/ML
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911A0-E/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3911A0-E/ML Datasheet HTML 9Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 10Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 11Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 12Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 13Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 14Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 15Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 16Page - Microchip Technology MCP3911A0-E/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 13
MCP3911
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V; TA = 25 °C, MCLK = 4 MHz; PRESCALE = 1; OSR
= 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz, VREFEXT = 0; CLKEXT = 1, AZ_FREQ
= 0; BOOST = 1X.
FIGURE 2-13:
SINAD vs. OSR.
L
FIGURE 2-14:
SNR vs.OSR.
FIGURE 2-15:
SFDR vs. OSR.
FIGURE 2-16:
THD vs. MCLK.
FIGURE 2-17:
SINAD vs. MCLK.
FIGURE 2-18:
SNR vs. MCLK.
40
50
60
70
80
90
100
110
120
Dithering = Maximum
Dithering = Medium
Dithering = Minimum
Dithering = None
0
10
20
30
40
32
64
128
256
512
1024 2048 4096
Oversampling Ratio (OSR)
40
50
60
70
80
90
100
110
120
Dithering = Maximum
Dithering = Medium
Dithering = Minimum
Dithering = None
0
10
20
30
40
32
64
128
256
512
1024
2048
4096
Oversampling Ratio (OSR)
50
60
70
80
90
100
110
120
130
140
Dithering = Maximum
Dithering = Medium
Dithering = Minimum
Dithering = None
0
10
20
30
40
32
64
128
256
512
1024 2048 4096
Oversampling Ratio (OSR)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Boost = 0.5x
Boost = 0.66x
Boost = 1x
-120
-110
-100
90
0
5
10
15
20
25
30
MCLK Frequency (MHz)
Boost = 2x
40
50
60
70
80
90
100
110
120
Boost =05x
Boost = 0.66x
Boost = 2x
Boost = 1x
0
10
20
30
40
0
5
10
15
20
25
30
MCLK Frequency (MHz)
Boost =0.5x
40
50
60
70
80
90
100
110
120
Boost = 0.5x
Boost = 0.66x
Boost = 2x
Boost = 1x
0
10
20
30
0
5
10
15
20
25
30
MCLK Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com