Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD977ARS Datasheet(PDF) 19 Page - Analog Devices

Part # AD977ARS
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977ARS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD977ARS Datasheet HTML 15Page - Analog Devices AD977ARS Datasheet HTML 16Page - Analog Devices AD977ARS Datasheet HTML 17Page - Analog Devices AD977ARS Datasheet HTML 18Page - Analog Devices AD977ARS Datasheet HTML 19Page - Analog Devices AD977ARS Datasheet HTML 20Page - Analog Devices AD977ARS Datasheet HTML 21Page - Analog Devices AD977ARS Datasheet HTML 22Page - Analog Devices AD977ARS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD977/AD977A
–19–
REV. D
OFFSET AND GAIN ADJUSTMENT
The AD977/AD977A is factory trimmed to minimize gain,
offset and linearity errors. In some applications, where the ana-
log input signal is required to meet the full dynamic range of the
ADC, the gain and offset errors need to be externally trimmed
to zero. Figures 12 and 13 show the required trim circuitry to
correct for these offset and gain errors.
Where adjustment is required, offset error must be corrected
before gain error. To achieve this in the bipolar input configura-
tion, trim the offset potentiometer with the input voltage set to
1/2 LSB below ground. Then adjust the potentiometer until the
major carry transition is located between 1111 1111 1111 1111
and 0000 0000 0000 0000. To adjust the gain error, an analog
signal should be input at either the first code transition (ADC
negative full scale) or the last code transition (ADC positive full
scale). Thus, to adjust for full-scale error, an input voltage of
FS/2 – 3/2 LSBs can be applied to VIN, and the gain potentiom-
eter should be adjusted until the output code flickers between
the last positive code transition 0111 1111 1111 1111 and 0111
1111 1111 1110. Should the first code transition need adjust-
ing, the trim procedure should consist of applying an analog
input signal of –FS/2 + 1/2 LSB to the VIN input and adjust-
ing the trim until the output code flickers between 1000 0000
0000 0000 and 1000 0000 0000 0001.
AC PERFORMANCE
The AD977/AD977A is fully specified and tested for dynamic
performance specifications. The ac parameters are required for
signal processing applications such as speech recognition and
spectrum analysis. These applications require information on
the ADC’s effect on the spectral content of the input signal.
Hence, the parameters for which the AD977/AD977A is specified
include S/(N+D), THD and Spurious Free Dynamic Range.
These terms are discussed in greater detail in the following
sections.
As a general rule, it is recommended that the results from sev-
eral conversions be averaged to reduce the effects of noise and
thus improve parameters such as S/(N+D) and THD. The ac
performance of the AD977/AD977A can be optimized by operat-
ing the ADC at its maximum sampling rate of 100 kHz/200 kHz
and digitally filtering the resulting bit stream to the desired signal
bandwidth. By distributing noise over a wider frequency range
the noise density in the frequency band of interest can be
reduced. For example, if the required input bandwidth is 50 kHz,
FREQUENCY – kHz
0
–10
0
100
10
20
30
40
–40
–70
–130
–20
–30
–60
–50
–90
–120
–80
–110
–100
50
60
70
80
90 95
5
15
253545
55
65
7585
5280 POINT FFT
FSAMPLE = 200kHz
FIN = 20kHz, 0dB
SNRD = 86dB
THD = –101dB
Figure 17. FFT Plot
the AD977/AD977A could be oversampled by a factor of 2/4.
This would yield a 3/6 dB improvement in the effective SNR
performance.
DC PERFORMANCE
The factory calibration scheme used for the AD977/AD977A
compensates for bit weight errors that may exist in the capacitor
array. The mismatch in capacitor values is adjusted (using the
calibration coefficients) during a conversion resulting in excel-
lent dc linearity performance. Figures 18, 19, 20, 21, 22 and 23,
respectively, show typical INL, typical DNL, typical positive and
negative INL and DNL distribution plots for the AD977/AD977A
at 25
°C.
A histogram test is a statistical method for deriving an A/D
converter’s differential nonlinearity. A ramp input is sampled by
the ADC and a large number of conversions are taken at each
voltage level, averaged then stored. The effect of averaging is to
reduce the transition noise by 1/n. If 64 samples are averaged at
each point, the effect of transition noise is reduced by a factor of
8, i.e., a transition noise of 0.8 LSBs rms is reduced to
0.1 LSBs rms. Theoretically the codes, during a test of DNL,
would all be the same size and therefore have an equal number
of occurrences. A code with an average number of occurrences
would have a DNL of “0.” A code that is different from the
average would have a DNL that was either greater or less than
zero LSB. A DNL of –1 LSB indicates that there is a missing
code present at the 16-bit level and that the ADC exhibits 15-
bit performance.
OUTPUT CODE – K
066
5
1015
2025
3035
2.0
–2.0
0
–0.5
–1.0
–1.5
1.0
0.5
1.5
40
45
50
55
60
100%
Figure 18. INL Plot
OUTPUT CODE – K
066
5
1015
2025
3035
2.0
–2.0
0
–0.5
–1.0
–1.5
1.0
0.5
1.5
40
45
50
55
60
100%
Figure 19. DNL Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com