Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7683ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7683ARMZ
Description  16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7683ARMZ Datasheet HTML 2Page - Analog Devices AD7683ARMZ Datasheet HTML 3Page - Analog Devices AD7683ARMZ Datasheet HTML 4Page - Analog Devices AD7683ARMZ Datasheet HTML 5Page - Analog Devices AD7683ARMZ Datasheet HTML 6Page - Analog Devices AD7683ARMZ Datasheet HTML 7Page - Analog Devices AD7683ARMZ Datasheet HTML 8Page - Analog Devices AD7683ARMZ Datasheet HTML 9Page - Analog Devices AD7683ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7683
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Inputs
+IN1, –IN1
GND − 0.3 V to VDD + 0.3 V or
±130 mA
REF
GND − 0.3 V to VDD + 0.3 V
Supply Voltages
VDD to GND
−0.3 V to +6 V
Digital Inputs to GND
−0.3 V to VDD + 0.3 V
Digital Outputs to GND
−0.3 V to VDD + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature Range
JEDEC J-STD-20
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 See the Analog Input section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP
200
44
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com