Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7849BN Datasheet(PDF) 3 Page - Analog Devices

Part # AD7849BN
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849BN Datasheet(HTML) 3 Page - Analog Devices

  AD7849BN Datasheet HTML 1Page - Analog Devices AD7849BN Datasheet HTML 2Page - Analog Devices AD7849BN Datasheet HTML 3Page - Analog Devices AD7849BN Datasheet HTML 4Page - Analog Devices AD7849BN Datasheet HTML 5Page - Analog Devices AD7849BN Datasheet HTML 6Page - Analog Devices AD7849BN Datasheet HTML 7Page - Analog Devices AD7849BN Datasheet HTML 8Page - Analog Devices AD7849BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Limit at +25 C
Limit at TMIN, TMAX
Parameter
(All Versions)
(All Versions)
Units
Conditions/Comments
t1
3
200
200
ns min
SCLK Cycle Time
t2
50
50
ns min
SYNC to SCLK Setup Time
t3
70
70
ns min
SYNC to SCLK Hold Time
t4
10
10
ns min
Data Setup Time
t5
40
40
ns min
Data Hold Time
t6
4
80
80
ns max
SCLK Falling Edge to SDO Valid
t7
80
80
ns min
LDAC, CLR Pulsewidth
tr
30
30
µs max
Digital Input Rise Time
tf
30
30
µs max
Digital Input Fall Time
NOTES
1Guaranteed by characterization.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
3SCLK mark/space ratio range is 40/60 to 60/40.
4SDO load capacitance is 50 pF.
Specification subject to change without notice.
AD7849
REV. B
–3–
RESET SPECIFICATIONS (These specifications apply when the device goes into the Reset mode during a power-up or
power-down sequence.) VOUT unloaded.
Parameter
All Versions Units
Test Conditions/Comments
VA
1, Low Threshold Voltage for V
DD, VSS
1.2
Volt max
This is the lower VDD/VSS threshold voltage for the reset
0
Volts typ
function. Above this, the reset is activated.
VB, High Threshold Voltage for VDD, VSS 9.5
Volts max
This is the higher VDD/VSS threshold voltage for the reset
6.4
Volts min
function. Below this, the reset is activated. Typically 8 volts.
VC, Low Threshold Voltage for VCC
1
Volt max
This is the lower threshold voltage for the reset function.
0
Volts typ
Above this, the reset is activated.
VD, High Threshold Voltage for VCC
4
Volts max
This is the higher VCC threshold voltage for the reset function.
2.5
Volts min
Below this, the reset is activated. Typically 3 volts.
G2 RON
1k
Ω typ
On Resistance of G2; VDD = 2 V; VSS = –2 V; IG2 = 1 mA.
NOTES
1A pull-down resistor (65 k
Ω) on V
OUT maintains 0 V output when VDD/VSS is below VA.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2 (V
DD = +14.25 V to +15.75 V; VSS = –14.25 V to –15.75 V; VCC = +4.75 V to +5.25 V;
RL = 2 k
Ω, CL = 200 pF. All Specifications TMIN to TMAX unless otherwise noted.)
AC PERFORMANCE CHARACTERISTICS (These characteristics are included for Design Guidance and are not
subject to test. (VREF+ = +5 V; VDD = +14.25 V to +15.75 V; VSS = –14.25 V to –15.75 V; VCC = +4.75 V to +5.25 V; ROFS connected to 0 V.)
T
A, B, C
Parameter
Version
Versions
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Settling Time1
77
µs typ
To 0.006% FSR. VOUT Loaded. VREF– = 0 V.
10
10
µs typ
To 0.003% FSR. VOUT Loaded. VREF– = –5 V.
Slew Rate
4
4
V/
µs typ
Digital-to-Analog Glitch Impulse
250
250
nV-s typ
DAC Alternately Loaded with 00 . . . 00 and
111 . . . 11. VOUT Unloaded. LDAC Perma-
nently Low.
BIN/COMP Set to 1. V
REF– = –5 V.
150
150
nV-s typ
LDAC Frequency = 100 kHz
AC Feedthrough
1
1
mV pk-pk typ
VREF– = 0 V, VREF+ = 1 V rms, 10 kHz Sine Wave.
DAC Loaded with All 0s.
BIN/COMP Set to 0.
Digital Feedthrough
5
5
nV-s typ
DAC Alternately Loaded with All 1s and All 0s.
SYNC High.
Output Noise Voltage Density
1 kHz–100 kHz
80
80
nV/
√Hz typ
Measured at VOUT. VREF+ = VREF– = 0 V.
BIN/COMP Set to 0.
NOTES
1
LDAC = 0. Settling time does not include deglitching time of 5
µs (typ).
Specification subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com