Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1504 Datasheet(PDF) 2 Page - First Components International

Part # KBPC1504
Description  15Amps Single Phase Silicon Bridge Mounting Position: Any
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC1504 Datasheet(HTML) 2 Page - First Components International

  KBPC1504 Datasheet HTML 1Page - First Components International KBPC1504 Datasheet HTML 2Page - First Components International KBPC1504 Datasheet HTML 3Page - First Components International KBPC1504 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves
KBPC15005 thru KBPC1512
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Fig. 3 Typical Instantaneous
Forward Characteristics
Fig. 4 Typical Reverse
Characteristics at Tj=25 C
o
( TA=25
Unless otherwise noted )
C
o
Number of Cycles at 60HZ
Instantaneous Forward
Voltage, Volts
Percent of Rated Peak Reverse
Voltage, %
40
100
200
300
400
1
10
100
.01
0.1
1.0
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
.01
0.1
1.0
10
0
20
40
60
80
100
120
140
Tj=25 C
Tj=100 C
8.3ms
Single half-sine-Wave
[JEDEC Method]
Tj=25 C
Pulse Width=300us
2% duty cycle
Fig. 1 Derating Curve for
Output Rectified Current
0
5
10
15
50
100
150
0
60Hz Resistive or
Inductive Load
Case Temperature, C
o
1
5Amps
Single Phase Silicon Bridge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com