Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC3500 Datasheet(PDF) 1 Page - First Components International

Part # KBPC3500
Description  35 Amps plastic Case Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC3500 Datasheet(HTML) 1 Page - First Components International

  KBPC3500 Datasheet HTML 1Page - First Components International KBPC3500 Datasheet HTML 2Page - First Components International KBPC3500 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feature
Mechanical Data
▓ Surge overload 400A
▓ Case: Molded plastic body over passivated junctions
▓ Low forward voltage drop
▓ Polarity: Polarity symbols molded on body
▓ Mounting Position: Any
▓ Terminals: Lead Solderable per MIL-STD-750
▓ Electrically isolated base-2000Volts
Method 2026
▓ Solderable 0.25" Faston Terminals
▓ MountingTorque: 5 in-lbs max
▓ Materials used carries U/L recognition
▓ Weight: 19.5 grams(Faston); 14.5grams(Wire Lead)
Max Ratings at Ta=25C Unless Otherwise Specified
Unit
3500
3501
3502
3504
3506
3508
3510
Vrrm
50
100
200
400
600
800
1000
V
Vrwm
35
70
140
280
420
560
700
V
Vdc
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
Vf
V
Ir
uA
Tj/Ts
C
Rthja
C/W
Rthjc
C/W
I
2t
C/W
2.3
-40 ~+125
Thermal Resistance Case to Heatsink
Symbol
Characteristic
KBPC3500~3510
35
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
2.6
Thermal Resistance Junction to Case
Peak Forward Surge Current 10ms Sine pulse,
rated Vrrm applied
Max Forward Voltage IF=17.5A @25C
Reverse Leakage Current WITH Vr @ 25C/125C
374
Rating for fusing(t<8.3ms)
Dimensions in mm
KBPC-PF
400
1.0
5.0/500
Operating & Storage Temp. Range


Similar Part No. - KBPC3500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3500 WTE-KBPC3500 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC3500 ETC1-KBPC3500 Datasheet
142Kb / 2P
35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBPC3500 EIC-KBPC3500 Datasheet
41Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC3500 WTE-KBPC3500 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC3500 JGD-KBPC3500 Datasheet
150Kb / 2P
HIGH CURRENT 15,25,35,50 AMPS . SINGLE PHASE BRIDGE RECTIFIERS
More results

Similar Description - KBPC3500

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
BR-L10A YANGJIE-BR-L10A Datasheet
257Kb / 2P
SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
KBPC-BR15 YANGJIE-KBPC-BR15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15S CHENG-YI-MP15S Datasheet
159Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CT CHENG-YI-MP15CT Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CW CHENG-YI-MP15CW Datasheet
130Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
RFE international
KBPC35005 RFE-KBPC35005 Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
First Components Intern...
KBPC4000 FCI-KBPC4000 Datasheet
316Kb / 3P
40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
logo
DIOTEC Electronics Corp...
35DBP DEC-35DBP Datasheet
138Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com