Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F0113 Datasheet(PDF) 43 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 39Page - Zilog, Inc. Z8F0113 Datasheet HTML 40Page - Zilog, Inc. Z8F0113 Datasheet HTML 41Page - Zilog, Inc. Z8F0113 Datasheet HTML 42Page - Zilog, Inc. Z8F0113 Datasheet HTML 43Page - Zilog, Inc. Z8F0113 Datasheet HTML 44Page - Zilog, Inc. Z8F0113 Datasheet HTML 45Page - Zilog, Inc. Z8F0113 Datasheet HTML 46Page - Zilog, Inc. Z8F0113 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Reset Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
28
Stop Mode Recovery Using the External RESET Pin
When a Z8 Encore! XP F0823 Series device is in STOP Mode and the external RESET pin
is driven Low, a system reset occurs. Because of a glitch filter operating on the RESET
pin, the Low pulse must be greater than the minimum width specified, or it is ignored. For
more details, see the Electrical Characteristics chapter on page 196.
Reset Register Definitions
The following sections define the Reset registers.
Reset Status Register
The Reset Status (RSTSTAT) Register is a read-only register that indicates the source of
the most recent Reset event, indicates a Stop Mode Recovery event, and indicates a
Watchdog Timer time-out. Reading this register resets the upper four bits to 0.
This register shares its address with the Watchdog Timer Control Register, which is write-
only; see Table 12.
Table 12. Reset Status Register (RSTSTAT)
Bit
7
6
5
4
3
2
1
0
Field
POR
STOP
WDT
EXT
Reserved
RESET
See descriptions in Table 13
00000
R/W
RRRRRRR
R
Address
FF0H
Bit
Description
[7]
POR
Power-On Reset Indicator
If this bit is set to 1, a Power-On Reset event has occurred. This bit is reset to 0 if a WDT time-
out or Stop Mode Recovery occurs. This bit is also reset to 0 when the register is read. For
POR/Stop Mode Recover event values, please see Table 13.
[6]
STOP
Stop Mode Recovery Indicator
If this bit is set to 1, a Stop Mode Recovery is occurred. If the STOP and WDT bits are both set
to 1, the Stop Mode Recovery occurred because of a WDT time-out. If the STOP bit is 1 and
the WDT bit is 0, the Stop Mode Recovery was not caused by a WDT time-out. This bit is reset
by a POR or a WDT time-out that occurred while not in STOP Mode. Reading this register also
resets this bit. For POR/Stop Mode Recover event values, please see Table 13.
[5]
WDT
Watchdog Timer Time-Out Indicator
If this bit is set to 1, a WDT time-out has occurred. A POR resets this pin. A Stop Mode Recov-
ery from a change in an input pin also resets this bit. Reading this register resets this bit; this
read must occur before clearing the WDT interrupt. For POR/Stop Mode Recover event values,
please see Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com