Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9507 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9507
Description  Computer Cable for EIA RS-232 Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

9507 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9507 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9507 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9507 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9507 Paired - Computer Cable for EIA RS-232 Applications
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 3 for
Paired Cables (Belden
Standard).pdf
Description:
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield (100% coverage), 24 AWG
stranded TC drain Wire (continued), PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Pairs
7
Total Number of Conductors
14
AWG
24
Stranding
7x32
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
S-R PVC - Semi-Rigid Polyvinyl Chloride
Pair Color Code Chart :
Number
Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
Number
Color
5
Black & Yellow
6
Black & Brown
7
Black & Orange
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Type
Tape
Outer Shield Material
Aluminum Foil-Polyester Tape w/Shorting Fold
Outer Shield %Coverage
100 %
OUTER SHIELD DRAIN WIRE :
Outer Shield Drain Wire AWG
24
Outer Shield Drain Wire Stranding
7x32
Outer Shield Drain Wire Conductor Material
TC - Tinned Copper
Page 1 of 3


Similar Part No. - 9507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9507 ETC2-9507 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
logo
Belden Inc.
9507 BELDEN-9507 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
logo
Keystone Electronics Co...
9507 KEYSTONE-9507 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9507.0030 BELDEN-9507.0030 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9507.00305 BELDEN-9507.00305 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
More results

Similar Description - 9507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9502 ETC2-9502 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9540 ETC2-9540 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9501 ETC2-9501 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
9509 ETC2-9509 Datasheet
38Kb / 3P
Computer Cable for EIA RS-232 Applications
9536 ETC2-9536 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9505 ETC2-9505 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9508 ETC1-9508 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9537 ETC1-9537 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9515 ETC1-9515 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9541 ETC1-9541 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com