Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92001TMA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS92001TMA/NOPB
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92001TMA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS92001TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS92001TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS92001
www.ti.com
SNLS147F – JUNE 2002 – REVISED APRIL 2013
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS (EN)
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = VCC or 2.0V
+7
+20
μA
IIL
Low Level Input Current
VIN = GND or 0.8V
−10
±1
+10
μA
VCL
Input Clamp Voltage
ICL = −18 mA
−0.6
−1.5
V
BLVDS OUTPUT DC SPECIFICATIONS (OUT)
|VOD|
Differential Output Voltage(1)
RL = 27Ω
250
350
500
mV
RL = 50Ω
350
450
600
mV
ΔVOD
Change in Magnitude of VOD
for Complimentary Output
RL = 27
Ω or 50Ω See Figure 3 and Figure 4
20
mV
States
VOS
Offset Voltage
RL = 27Ω or RL = 50Ω
1.1
1.25
1.375
V
ΔVOS
Change in Magnitude of VOS
See Figure 3
for Complimentary Output
2
20
mV
States
IOZ
Output TRI-STATE Current
EN = 0V, VOUT = VCC or GND
−20
±5
+20
μA
IOFF
Power-Off Leakage Current
VCC = 0V or Open Circuit, VOUT = 3.6V
−20
±5
+20
μA
IOS1
Output Short Circuit
EN = VCC, VCM = 1.2V,VID = 200mV, VOUT+ = 0V, or
−30
−60
mA
Current(3)
VID = −200mV, VCM = 1.2V, VOUT− = 0V
VID = −200mV, VCM = 1.2V, VOUT+ = VCC , or
53
80
mA
VID = 200mV, VCM =1.2V, VOUT− = VCC
IOSD
Differential Output Short
EN = VCC, VID = |200mV|, VCM. = 1.2V, VOD = 0V
Circuit Current (3)
(connect true and complement outputs through a
|30|
|42|
mA
current meter)
B/LVDS RECEIVER DC SPECIFICATIONS (IN)
VTH
Differential Input High
VCM = +0.05V, +1.2V or +3.25V
−30
−5
mV
Threshold(4)
VTL
Differential Input Low
−70
−30
mV
Threshold(4)
VCMR
Common Mode Voltage
|VID|/2
VCC
V
Range (4)
−|VID|/2
IIN
Input Current
VIN = VCC
VCC = 3.6V or 0V
|1.5|
|20|
μA
VIN = 0V
|1.5|
|20|
μA
ΔIIN
Change in Magnitude of IIN
VIN = VCC
1
6
μA
VIN = 0V
1
6
μA
SUPPLY CURRENT
ICCD
Total Dynamic Supply
EN = VCC, RL = 27Ω or 50Ω, CL = 15 pF,
50
65
mA
Current (includes load
Freq. = 200MHz 50% duty cycle,
current)
VID = 200mV, VCM = 1.2V
ICCZ
TRI-STATE Supply Current
EN = 0V,Freq. = 200MHz 50% duty cycle,
36
46
mA
VID = 200mV, VCM= 1.2V
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VID, VOD, VTH, VTL, and ΔVOD. VOD has a value and direction. Positive direction means OUT+ is a more positive voltage than
OUT
−.
(2)
All typical are given for VCC = +3.3V and TA = +25°C, unless otherwise stated.
(3)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
(4)
The parameters are specified by design. The limits are based on statistical analysis of the device performance over the PVT (process,
voltage and temperature) range.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com