Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM324AM/NOPB
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM324AM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM324AM/NOPB Datasheet HTML 1Page - Texas Instruments LM324AM/NOPB Datasheet HTML 2Page - Texas Instruments LM324AM/NOPB Datasheet HTML 3Page - Texas Instruments LM324AM/NOPB Datasheet HTML 4Page - Texas Instruments LM324AM/NOPB Datasheet HTML 5Page - Texas Instruments LM324AM/NOPB Datasheet HTML 6Page - Texas Instruments LM324AM/NOPB Datasheet HTML 7Page - Texas Instruments LM324AM/NOPB Datasheet HTML 8Page - Texas Instruments LM324AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
www.ti.com
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
Check for Samples: LM124-N, LM224-N, LM2902-N, LM324-N
1
FEATURES
ADVANTAGES
2
•
Internally Frequency Compensated for Unity
•
Eliminates Need for Dual Supplies
Gain
•
Four Internally Compensated Op Amps in a
•
Large DC Voltage Gain 100 dB
Single Package
•
Wide Bandwidth (Unity Gain) 1 MHz
•
Allows Directly Sensing Near GND and VOUT
(Temperature Compensated)
also Goes to GND
•
Wide Power Supply Range:
•
Compatible with All Forms of Logic
–
Single Supply 3V to 32V
•
Power Drain Suitable for Battery Operation
–
or Dual Supplies ±1.5V to ±16V
DESCRIPTION
•
Very Low Supply Current Drain (700
The LM124-N series consists of four independent,
μA)—Essentially Independent of Supply
high
gain,
internally
frequency
compensated
Voltage
operational
amplifiers
which
were
designed
•
Low Input Biasing Current 45 nA (Temperature
specifically to operate from a single power supply
Compensated)
over a wide range of voltages. Operation from split
power supplies is also possible and the low power
•
Low Input Offset Voltage 2 mV
supply current drain is independent of the magnitude
–
and Offset Current: 5 nA
of the power supply voltage.
•
Input Common-Mode Voltage Range Includes
Application areas include transducer amplifiers, DC
Ground
gain blocks and all the conventional op amp circuits
•
Differential Input Voltage Range Equal to the
which now can be more easily implemented in single
Power Supply Voltage
power supply systems. For example, the LM124-N
•
Large Output Voltage Swing 0V to V+
− 1.5V
series can be directly operated off of the standard
+5V power supply voltage which is used in digital
systems and will easily provide the required interface
UNIQUE CHARACTERISTICS
electronics without requiring the additional ±15V
•
In the Linear Mode the Input Common-Mode
power supplies.
Voltage Range Includes Ground and the
Output Voltage can also Swing to Ground,
Even Though Operated from Only a Single
Power Supply Voltage
•
The Unity Gain Cross Frequency is
Temperature Compensated
•
The Input Bias Current is also Temperature
Compensated
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM324AM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324AM/NOPB TI1-LM324AM/NOPB Datasheet
2Mb / 34P
Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
More results

Similar Description - LM324AM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM124-N TI1-LM124-N Datasheet
564Kb / 22P
LM124/LM224/LM324/LM2902 Low Power Quad Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
MLM324P TI-MLM324P Datasheet
1Mb / 31P
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM318N TI-LM318N Datasheet
1Mb / 25P
LM118-N/lm218-N/LM318-N Operational Amplifiers
logo
National Semiconductor ...
LM2902-N NSC-LM2902-N Datasheet
1Mb / 31P
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
logo
Texas Instruments
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
LM108-N/LM108AQML Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com