Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CS/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CS/NOPB
Description  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CS/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2941CS/NOPB Datasheet HTML 8Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 9Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 10Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 11Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 12Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 13Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 14Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 15Page - Texas Instruments LM2941CS/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM2941, LM2941C
SNVS770G – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Typical Applications
Note: Using 1k for R1 will ensure that the bias current error from the adjust pin will be negligible. Do not bypass R1 or
R2. This will lead to instabilities.
* Required if regulator is located far from power supply filter.
** COUT must be at least 22μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator and the ESR is critical; see curve.
Figure 23. 5V to 20V Adjustable Regulator
*** To assure shutdown, select Resistor R3 to ensure at least 300
μA of pull-up current when S1 is open. (Assume 2V
at the ON/OFF pin.)
Figure 24. 1A Switch
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com