Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5008AMM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008AMM/NOPB
Description  100-V 350-mA Constant On-Time Buck Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5008AMM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5008AMM/NOPB Datasheet HTML 9Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 16Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
FB
VIN
SW
RTN
BST
LM5008A
8
6
5
3
4
1
2
7
SHUTDOWN
VCC
RCL
RT/SD
12 - 95V
Input
324k
C1
1.0 PF
RT
RCL
332k
RFB1
1.0k
RFB2
3.01k
R3
3.0
GND
C2
22 PF
VOUT
10.0V
L1
220 PH
C3
0.47 PF
C4
0.01 PF
D1
C5
0.1 PF
LM5008A
www.ti.com
SNVS583F – MARCH 2009 – REVISED MARCH 2013
Figure 12. LM5008A Example Circuit
Table 2. Bill of Materials
Item
Description
Part Number
Value
C1
Ceramic Capacitor
TDK C4532X7R2A105M
1 µF, 100V
C2
Ceramic Capacitor
TDK C4532X7R1E226M
22 µF, 25V
C3
Ceramic Capacitor
Kemet C1206C474K5RAC
0.47 µF, 50V
C4
Ceramic Capacitor
Kemet C1206C103K5RAC
0.01 µF, 50V
C5
Ceramic Capacitor
TDK C3216X7R2A104M
0.1 µF, 100V
D1
Schottky Power Diode
Diodes Inc. DFLS1100
100V, 1A
L1
Power Inductor
COILTRONICS DR125-221-R or
220 µH
TDK SLF10145T-221MR65
RFB2
Resistor
Vishay CRCW12063011F
3.01 k
Ω
RFB1
Resistor
Vishay CRCW12061001F
1.0 k
Ω
R3
Resistor
Vishay CRCW12063R00F
3.0
Ω
RT
Resistor
Vishay CRCW12063243F
324 k
Ω
RCL
Resistor
Vishay CRCW12063323F
332 k
Ω
U1
Switching Regulator
LM5008A
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5008A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com