Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7705 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7705 Datasheet HTML 9Page - Texas Instruments LM7705 Datasheet HTML 10Page - Texas Instruments LM7705 Datasheet HTML 11Page - Texas Instruments LM7705 Datasheet HTML 12Page - Texas Instruments LM7705 Datasheet HTML 13Page - Texas Instruments LM7705 Datasheet HTML 14Page - Texas Instruments LM7705 Datasheet HTML 15Page - Texas Instruments LM7705 Datasheet HTML 16Page - Texas Instruments LM7705 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
+V
RF1
-
+
RG1
RF2
-
+
RG2
A1
A2
ADC
VREF
+V
GAIN = 10x
GAIN = 5x
ADC122S021
1/2 LMP7702
1/2 LMP7702
SENSOR
LM7705
www.ti.com
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
The sensor has a DC output signal that is amplified by the op amp. For an optimal signal-to-noise ratio, the
output voltage swing of the op amp should be matched to the input voltage range of the Analog to Digital
Converter (ADC). For the high side of the range this can be done by adjusting the gain of the op amp. However,
the low side of the range can’t be adjusted and is affected by the output swing of the op amp.
Example:
Assume the output voltage range of the sensor is 0 to 90 mV. The available op amp is a LMP7701, using a
0/+5V supply voltage, having an output drive of 50 mV from both rails. This results in an output range of 50 mV
to 4.95V.
Let choose two resistors values for RG1 and RF1 that result in a gain of 50x. The output of the LMP7701 should
swing from 0 mV to 4.5V. The higher value is no problem, however the lower swing is limited by the output of the
LM7701 and won’t go below 50 mV instead of the desired 0V, causing a non-linearity in the sensor reading.
When using a 12 bit ADC, and a reference voltage of 5 Volt (having an ADC step size of approximate 1.2 mV),
the output saturation results in a loss of the lower 40 quantization levels of the ADCs dynamic range.
Two-Stage, Single Supply True Zero Amplifier
This sensor application produces a DC signal, amplified by a two cascaded op amps, having a single supply. The
output voltage of the second op amp is converted to the digital domain. Figure 30 shows the basic setup of this
application.
Figure 30. Sensor with DC Output and a 2-Stage, Single Supply Op Amp.
The sensor generates a DC output signal. In this case, a DC coupled, 2-stage amplifier is used. The output
voltage swing of the second op amp should me matched to the input voltage range of the Analog to Digital
Converter (ADC). For the high side of the range this can be done by adjusting the gain of the op amp. However,
the low side of the range can’t be adjusted and is affected by the output drive of the op amp.
Example:
Assume; the output voltage range of the sensor is 0 to 90 mV. The available op amp is a LMP7702 (Dual
LMP7701 op amp) that can be used for A1 and A2. The op amp is using a 0/+5V supply voltage, having an output
drive of 50mV from both rails. This results in an output range of 50 mV to 4.95V for each individual amplifier.
Let choose two resistors values for RG1 and RF1 that result in a gain of 10x for the first stage (A1) and a gain of
5x for the second stage (A2) The output of the A2 in the LMP7702 should swing from 0V to 4.5 Volt. This swing is
limited by the 2 different factors:
1. The high voltage swing is no problem; however the low voltage swing is limited by the output saturation
voltage of A2 from the LM7702 and won’t go below 50mV instead of the desired 0V.
2. Another effect has more impact. The output saturation voltage of the first stage will cause an offset for the
input of the second stage. This offset of A1 is amplified by the gain of the second stage (10x in this example),
resulting in an output offset voltage of 500mV. This is significantly more that the 50 mV (VDSAT) of A2.
When using a 12 bit ADC, and a reference voltage of 5 Volt (having an ADC step size of approximate 1.2 mV),
the output saturation results in a loss of the lower 400 quantization levels of the ADCs dynamic range. This will
cause a major non-linearity in the sensor reading.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com