Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7705MMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM7705MMX/NOPB
Description  LM7705 Low Noise Negative Bias Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7705MMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM7705MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM7705MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM7705
SNVS420B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VALUE
Supply Voltage
+5.75V
VDD - VSS
SD
VDD+0.3V, VSS-0.3V
For input pins only
2000V
Human Body Model
For all other pins
2000V
ESD Tolerance(3)
Machine Model
200V
Charged Device Model
750V
Storage Temp. Range
−65°C to 150°C
Junction Temperature(4)
150°C max
Mounting Temperature
Infrared or Convection (20 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine model, applicable std JESD22–A115–A (ESSD MM srd of
JEDEC). Field induced Charge-Device Model, applicable std. JESD22–C101–C. (ESD FICDM std of JEDEC).
(4)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Operating Ratings
Supply Voltage ( VDD to GND)
3V to 5.25V
Supply Voltage ( VDD wrt VOUT)
3.23V to 5.48V
Temperature Range
−40°C to 125°C
Thermal Resistance (
θJA )
8-Pin VSSOP
253°C/W
3.3V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, VDD = 3.3V, VSS = 0V, SD = 0V, CFLY= 5 µF, CRES = 22 µF,
COUT = 22 µF. Boldface limits apply at temperature extremes
(1).
Symbol
Parameter
Conditions
Min(2)
Typical(3)
Max(2)
Units
VOUT
Output Voltage
IOUT = 0 mA
−0.242
−0.232
−0.219
−0.251
−0.209
V
IOUT = −20 mA
−0.242
−0.226
−0.219
−0.251
−0.209
VR
Output Voltage Ripple
IOUT = −20 mA
4
mVPP
IS
Supply Current
No Load
50
78
100
μA
150
ISD
Shutdown Supply Current
SD = VDD
20
nA
ηPOWER
Current Conversion Efficiency
−5 mA ≤ IOUT ≤ −20 mA
98
%
ηPOWER
Current Conversion Efficiency
IOUT = −5 mA
98
%
tON
Turn On Time
IOUT = −5 mA
500
μs
t OFF
Turn Off Time
IOUT = −5 mA
700
μs
tOFF CP
Turn Off Time Charge Pump
IOUT = −5 mA
11
μs
ZOUT
Output Impedance
−1 mA ≤ IOUT ≤ −20 mA
0.23
0.8
Ω
1.3
IO_MAX
Maximum Output Current
VOUT < −200 mV
-26
mA
fOSC
Oscillator Frequency
92
kHz
(1)
Boldface limits apply to temperature range of
−40°C to 125°C
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com