Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC555CM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CM
Description  LMC555 CMOS Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555CM Datasheet(HTML) 3 Page - Texas Instruments

  LMC555CM Datasheet HTML 1Page - Texas Instruments LMC555CM Datasheet HTML 2Page - Texas Instruments LMC555CM Datasheet HTML 3Page - Texas Instruments LMC555CM Datasheet HTML 4Page - Texas Instruments LMC555CM Datasheet HTML 5Page - Texas Instruments LMC555CM Datasheet HTML 6Page - Texas Instruments LMC555CM Datasheet HTML 7Page - Texas Instruments LMC555CM Datasheet HTML 8Page - Texas Instruments LMC555CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMC555
www.ti.com
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
Table 1. Pin Descriptions
Package Pin Numbers
Pin Name
8-Pin SOIC, VSSOP, and PDIP
8-Bump DSBGA
GND
1
A3
Trigger
2
B3
Output
3
C3
Reset
4
C2
Control Voltage
5
C1
Threshold
6
B1
Discharge
7
A1
V+
8
A2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, V+
15V
Input Voltages, VTRIG, VRES, VCTRL, VTHRESH
−0.3V to VS + 0.3V
Output Voltages, VO, VDIS
15V
Output Current IO, IDIS
100 mA
Storage Temperature Range
−65°C to +150°C
Soldering specification for PDIP package:
Soldering (10 seconds)
260°C
Soldering specification for all other packages:
see product folder at www.ti.com and http://www.ti.com/lit/SNOA549
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
See AN-1112 (SNVA009) for DSBGA considerations.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Operating Ratings
(1) (2)
Temperature Range
LMC555IM
−40°C to +125°C
LMC555CM/MM/N/TP
−40°C to +85°C
Thermal Resistance (
θJA)
(1)
SOIC, 8-Pin
169°C/W
VSSOP, 8-Pin
225°C/W
PDIP, 8-Pin
111°C/W
8-Bump DSBGA
220°C/W
Maximum Allowable Power Dissipation @25°C
PDIP-8
1126 mW
SOIC-8
740 mW
VSSOP-8
555 mW
8-Bump DSBGA
568 mW
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
See AN-1112 (SNVA009) for DSBGA considerations.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com