Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-5X3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED-5X3
Description  LED Series - 3 Pin Round 5mm Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LED-5X3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED-5X3 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED-5X3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
18/5/12
18/5/12
01/6/12
AMU
RELEASED
LED Series
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
TOLERANCES:
DRAWN BY:
SID
AMU
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
LED Series - 3 Pin Round 5mm Diameter
3143_DWG
M100000048
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
01/06/12
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
SID
18/05/12
18/05/12
Type
Height
(H)
Overall
Diameter
(OD)
A1
A2
B
C
D
Part
Number
Round 3 Pin LED Holder - 5 mm
6
7.4
2.3
5.8 ±0.25
-
5
LED-5SX3
6.5
2.2
5.8
-
5.5
LED-5X3
8
5.9
-
7
LED-7X3
9
5.8
-
8 ±0.25
LED-8X3
9.5
5.8 ±0.25
-
8.5 ±0.25
LED-8MX3
11.5
5.8
-
10.5
LED-10X3
16.1
7.1
6
5.8
10 ±0.25
LED-16X3
Specification Table
Dimensions : Millimetres


Similar Part No. - LED-5X3

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
LED-5X3 MULTICOMP-LED-5X3 Datasheet
213Kb / 1P
LED Holder Ø5 3pin Quadrate
03/01/20 V1.0
More results

Similar Description - LED-5X3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
5mm Round LED
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
5mm Round LED
C512A MARKTECH-C512A Datasheet
979Kb / 10P
5mm Round LED
C535A MARKTECH-C535A Datasheet
509Kb / 9P
5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
5mm Round LED
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
5mm Round LED
logo
List of Unclassifed Man...
QBL8IW35D ETC1-QBL8IW35D Datasheet
570Kb / 8P
5mm Round LED
logo
Cree, Inc
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
5mm Round LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com