Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38853
Description  LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38853 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38853 Datasheet HTML 8Page - Texas Instruments LP38853 Datasheet HTML 9Page - Texas Instruments LP38853 Datasheet HTML 10Page - Texas Instruments LP38853 Datasheet HTML 11Page - Texas Instruments LP38853 Datasheet HTML 12Page - Texas Instruments LP38853 Datasheet HTML 13Page - Texas Instruments LP38853 Datasheet HTML 14Page - Texas Instruments LP38853 Datasheet HTML 15Page - Texas Instruments LP38853 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
+
R2
R1
1
x
= V
V
ADJ
OUT
¸
¹
·
¨
©
§
¸
©
§
¨
¨
¹
·
LP38853
SNVS335D – DECEMBER 2006 – REVISED APRIL 2013
www.ti.com
Bias Capacitor
The capacitor on the bias pin must be at least 1 µF, and can be any good quality capacitor (ceramic is
recommended).
Feed Forward Capacitor, CFF
(Refer to theTypical Application Circuit)
When using a ceramic capacitor for COUT, the typical ESR value will be too small to provide any meaningful
positive phase compensation, FZ, to offset the internal negative phase shifts in the gain loop.
FZ = (1 / (2 x π x COUT x ESR) )
(1)
A capacitor placed across the gain resistor R1 will provide additional phase margin to improve load transient
response of the device. This capacitor, CFF, in parallel with R1, will form a zero in the loop response given by the
formula:
FZ = (1 / (2 x π x CFF x R1) )
(2)
For optimum load transient response select CFF so the zero frequency, FZ, falls between 10 kHz and 15 kHz.
(CFF = (1 / (2 x π x R1 x FZ)
(3)
The phase lead provided by CFF diminishes as the DC gain approaches unity, or VOUT approaches VADJ. This is
because CFF also forms a pole with a frequency of:
FP = (1 / (2 x π x CFF x (R1 || R2) ) )
(4)
It's important to note that at higher output voltages, where R1 is much larger than R2, the pole and zero are far
apart in frequency. At lower output voltages the frequency of the pole and the zero mover closer together. The
phase lead provided from CFF diminishes quickly as the output voltage is reduced, and has no effect when VOUT
= VADJ. For this reason, relying on this compensation technique alone is adequate only for higher output
voltages. For the LP38853, the practical minimum VOUT is 0.8V when a ceramic capacitor is used for COUT.
Figure 31. FZERO and FPOLE vs Gain
SETTING THE OUTPUT VOLTAGE
(Refer to theTypical Application Circuit)
The output voltage is set using the external resistive divider R1 and R2. The output voltage is given by the
formula:
(5)
The resistors used for R1 and R2 should be high quality, tight tolerance, and with matching temperature
coefficients. It is important to remember that, although the value of VADJ is specified, the use of low quality
resistors for R1 and R2 can easily produce a VOUT value that is unacceptable.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com