Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3876ESX-ADJ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3876ESX-ADJ/NOPB
Description  LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3876ESX-ADJ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3876ESX-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3876ESX-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP3876-ADJ
VIN
VOUT
ADJ
GND
CIN
10 PF
COUT
10 PF
Tantalum
INPUT
OUTPUT
3A
R1*
R2*
CFF
*
*
VOUT = 1.216 x (1+
R1
R2
)
SD
SD
LP3876-ADJ
www.ti.com
SNVS245C – SEPTEMBER 2003 – REVISED APRIL 2013
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
Check for Samples: LP3876-ADJ
1
FEATURES
DESCRIPTION
The
LP3876-ADJ
fast
ultra
low-dropout
linear
2
•
Ultra Low Dropout Voltage
regulators operate from a +2.5V to +7.0V input
•
Low Ground Pin Current
supply. These ultra low dropout linear regulators
•
Load Regulation of 0.08%
respond very quickly to step changes in load, which
makes them suitable for low voltage microprocessor
•
1µA Quiescent Current in Shutdown Mode
applications. The LP3876-ADJ is developed on a
•
Specified Output Current of 3A DC
CMOS process which allows low quiescent current
•
Available in DDPAK/TO-263 and TO-220
operation independent of output load current. This
Packages
CMOS process also allows the LP3876-ADJ to
operate under extremely low dropout conditions.
•
Minimum output Capacitor Requirements
•
Overtemperature/Overcurrent Protection
Dropout Voltage: Ultra low dropout voltage; typically
80mV at 300mA load current and 800mV at 3A load
•
−40°C to +125°C Junction Temperature Range
current.
APPLICATIONS
Ground Pin Current: Typically 6mA at 3A load
current.
•
Microprocessor Power Supplies
Shutdown Mode: Typically 1µA quiescent current
•
GTL, GTL+, BTL, and SSTL bus terminators
when the shutdown pin is pulled low.
•
Power Supplies for DSPs
Adjustable Output Voltage: The output voltage may
•
SCSI Terminator
be programmed via two external resistors.
•
Post Regulators
•
High Efficiency Linear Regulators
•
Battery Chargers
•
Other Battery Powered Applications
TYPICAL APPLICATION CIRCUIT
*See Application Hints
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3876ESX-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3876ESX-ADJ/NOPB TI2-LP3876ESX-ADJ/NOPB Datasheet
579Kb / 20P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
REVISED APRIL 2013
LP3876ESX-ADJ/NOPB.A TI2-LP3876ESX-ADJ/NOPB.A Datasheet
579Kb / 20P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
REVISED APRIL 2013
More results

Similar Description - LP3876ESX-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
3A Fast Response Ultra-Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com