Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPU6000 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MPU6000
Description  IMUs - Inertial Measurement Units 6-Axis MEMS MotionTracking Device with DMP (MPU-6050/-6000)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPU6000 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MPU6000 Datasheet HTML 17Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 18Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 19Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 20Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 21Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 22Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 23Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 24Page - List of Unclassifed Manufacturers MPU6000 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
MPU-6000/MPU-6050 Product Specification
Document Number: PS-MPU-6000A-00
Revision: 3.3
Release Date: 5/16/2012
21 of 54
7
Applications Information
7.1
Pin Out and Signal Description
Pin Number
MPU-
6000
MPU-
6050
Pin Name
Pin Description
1
Y
Y
CLKIN
Optional external reference clock input. Connect to GND if unused.
6
Y
Y
AUX_DA
I
2C master serial data, for connecting to external sensors
7
Y
Y
AUX_CL
I
2C Master serial clock, for connecting to external sensors
8
Y
/CS
SPI chip select (0=SPI mode)
8
Y
VLOGIC
Digital I/O supply voltage
9
Y
AD0 / SDO
I
2C Slave Address LSB (AD0); SPI serial data output (SDO)
9
Y
AD0
I
2C Slave Address LSB (AD0)
10
Y
Y
REGOUT
Regulator filter capacitor connection
11
Y
Y
FSYNC
Frame synchronization digital input. Connect to GND if unused.
12
Y
Y
INT
Interrupt digital output (totem pole or open-drain)
13
Y
Y
VDD
Power supply voltage and Digital I/O supply voltage
18
Y
Y
GND
Power supply ground
19, 21
Y
Y
RESV
Reserved. Do not connect.
20
Y
Y
CPOUT
Charge pump capacitor connection
22
Y
Y
CLKOUT
System clock output
23
Y
SCL / SCLK
I
2C serial clock (SCL); SPI serial clock (SCLK)
23
Y
SCL
I
2C serial clock (SCL)
24
Y
SDA / SDI
I
2C serial data (SDA); SPI serial data input (SDI)
24
Y
SDA
I
2C serial data (SDA)
2, 3, 4, 5, 14,
15, 16, 17
Y
Y
NC
Not internally connected. May be used for PCB trace routing.
MP
U-6
000
MP
U-6
050
+Z
+X
+Y
7
8
9
10
11
12
13
18
17
16
15
14
NC
NC
NC
VDD
NC
GND
6
1
2
3
4
5
NC
NC
NC
AUX_DA
NC
CLKIN
24
23
22
21
20
19
MPU-6050
QFN Package
24-pin, 4mm x 4mm x 0.9mm
Orientation of Axes of Sensitivity and
Polarity of Rotation
Top View
+Z
+Y
+X
7
8
9
10
11
12
13
18
17
16
15
14
NC
NC
NC
VDD
NC
GND
6
1
2
3
4
5
NC
NC
NC
AUX_DA
NC
CLKIN
24
23
22
21
20
19
MPU-6000
QFN Package
24-pin, 4mm x 4mm x 0.9mm
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com