Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNx12RG Datasheet(PDF) 12 Page - STMicroelectronics

Part # TYNx12RG
Description  Sensitive and standard 12 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNx12RG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TYNx12RG Datasheet HTML 5Page - STMicroelectronics TYNx12RG Datasheet HTML 6Page - STMicroelectronics TYNx12RG Datasheet HTML 7Page - STMicroelectronics TYNx12RG Datasheet HTML 8Page - STMicroelectronics TYNx12RG Datasheet HTML 9Page - STMicroelectronics TYNx12RG Datasheet HTML 10Page - STMicroelectronics TYNx12RG Datasheet HTML 11Page - STMicroelectronics TYNx12RG Datasheet HTML 12Page - STMicroelectronics TYNx12RG Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
TN1215, TS1220, TYN612, TYN812, TYN1012
12/13
Doc ID 7475 Rev 7
4
Ordering information
5
Revision history
Table 11.
Ordering information
Order code(1)
1.
x (6, 7, 8, 10) depends upon voltage
Marking(1)
Package
Weight
Base qty Delivery mode
TN1215-x00B
TN12 15x00
DPAK
0.3 g
75
Tube
TN1215-x00B-TR
TN12 15x00
DPAK
0.3 g
2500
Tape and reel
TN1215-x00G
TN1215x00G
D2PAK
1.5 g
50
Tube
TN1215-x00G-TR
TN1215x00G
D2PAK
1.5 g
1000
Tape and reel
TN1215-x00H
TN12 15x00
IPAK
0.3 g
75
Tube
TS1220-x00B
TS12 20x00
DPAK
0.3 g
75
Tube
TS1220-x00B-TR
TS12 20x00
DPAK
0.3 g
2500
Tape and reel
TS1220-x00H
TS12 20x00
IPAK
0.3 g
75
Tube
TS1220-x00T
TS1220600T
TO-220AB
2.3 g
50
Tube
TYNx12RG
TYNx12
TO-220AB
2.3 g
50
Tube
TYNx12TRG
TYNx12T
TO-220AB
2.3 g
50
Tube
Table 12.
Document revision history
Date
Revision
Changes
Sep-2000
3
Last update.
25-Mar-2005
4
TO-220AB delivery mode changed from bulk to tube.
14-Oct-2005
5
Changed sensitivity values in Table 1 for TYNx12 (30 to 15 mA) and
TYNx12T ( 15 to 5 mA). Added ECOPACK statement.
08-Mar-2007
6
Reformatted to current standard.
Figure 15: TN1215 series product name corrected.
Figure 16: TS1220 series product name corrected.
12-Oct-2009
7
Added TS1220-xxxT device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com