Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L152VB Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 92Page - STMicroelectronics STM32L152VB Datasheet HTML 93Page - STMicroelectronics STM32L152VB Datasheet HTML 94Page - STMicroelectronics STM32L152VB Datasheet HTML 95Page - STMicroelectronics STM32L152VB Datasheet HTML 96Page - STMicroelectronics STM32L152VB Datasheet HTML 97Page - STMicroelectronics STM32L152VB Datasheet HTML 98Page - STMicroelectronics STM32L152VB Datasheet HTML 99Page - STMicroelectronics STM32L152VB Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
96/121
Doc ID 17659 Rev 8
6.3.17
DAC electrical specifications
Data guaranteed by design, not tested in production, unless otherwise specified.
Table 57.
DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
1.8
3.6
V
VREF+
Reference supply voltage
VREF+ must always be below
VDDA
1.8
3.6
VREF-
Lower reference voltage
VSSA
IDDVREF+
(1)
Current consumption on
VREF+ supply
VREF+ = 3.3 V
No load, middle code (0x800)
130
220
µA
No load, worst code (0x000)
220
350
IDDA
(1)
Current consumption on
VDDA supply
VDDA = 3.3 V
No load, middle code (0x800)
210
320
No load, worst code (0xF1C)
320
520
RL
(2)
Resistive load
DAC output buffer ON
5k
Ω
CL
(2)
Capacitive load
50
pF
RO
Output impedance
DAC output buffer OFF
6
8
10
k
Ω
VDAC_OUT
Voltage on DAC_OUT
output
DAC output buffer ON
0.2
VDDA – 0.2
V
DAC output buffer OFF
0.5
VREF+ – 1LSB mV
DNL(1)
Differential non linearity(3)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
1.5
3
LSB
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
1.5
3
INL(1)
Integral non linearity(4)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
24
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
24
Offset(1)
Offset error at code 0x800
(5)
CL ≤ 50 pF, RL ≥ 5 kΩ
DAC output buffer ON
±10
±25
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
±5
±8
Offset1(1)
Offset error at code
0x001(6)
No RLOAD, CL ≤ 50 pF
DAC output buffer OFF
±1.5
±5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com