Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRTOUCH Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # CRTOUCH
Description  Capacitive and Resistive Touch Sensing Application Specific IC.
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CRTOUCH Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button CRTOUCH Datasheet HTML 17Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 18Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 19Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 20Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 21Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 22Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 23Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 24Page - Freescale Semiconductor, Inc CRTOUCH Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Functional Description
CRTouch Data Sheet, Rev. 3
Freescale Semiconductor
21
Any of the capacitive electrodes may be enabled as a Low Power Electrode and can be configured for a scanning period and
sensitivity. To enable this electrode as a wakeup source from Shutdown, the CLPEN bit must be enabled in the Capacitive
System Configuration register. Enabling this bit inhibits normal functioning of all the electrodes, therefore it should only be
enabled prior to sending the device into Shutdown mode. Baseline tracking is not performed for the Low Power Electrode.
2.4
Internal voltage regulator
The voltage regulator module is a LDO linear voltage regulator to provide 3.3 V power from an input power supply varying
from 2.7 V to 5.5 V. It consists of one 3.3 V power channel. The internal voltage regulator can be used to be the main power
supply of the device. When the input power supply is below 3.6 V, the regulator goes to pass-through mode.
2.4.1
Internal voltage regulator features
•
Low drop-out linear voltage regulator with one power channel (3.3 V)
•
Low drop-out voltage— 300 mV.
•
Output current—120 mA.
•
Three different power modes— RUN, SLEEP, and SHUTDOWN.
•
Low quiescent current in RUN mode.
•
Typical value is around 120
A (one thousand times smaller than the maximum
•
load current).
•
Very low quiescent current in STANDBY mode.
•
Typical value is around 1
A.
•
Automatic current limiting if the load current is greater than 290 mA.
•
Automatic power-up once some voltage is applied to the regulator input.
•
Pass-through mode for regulator input voltages less than 3.6 V
•
Small output capacitor— 2.2
F
•
Stable with aluminum, tantalum, or ceramic capacitors.
2.4.2
Internal voltage regulator modes of operation
The regulator has these power modes:
•
RUN— The regulating loop of the RUN regulator and the SLEEP regulator are active, but the switch connecting the
SLEEP regulator output to the external pin is open.
•
SLEEP— The regulating loop of the RUN regulator is disabled and the standby regulator is active. The switch
connecting the SLEEP regulator output to the external pin is closed.
•
SHUTDOWN— The module is disabled.
This is the recommended connections to power CRTouch from internal voltage regulator:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com