Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW88N65M5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW88N65M5
Description  N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW88N65M5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW88N65M5 Datasheet HTML 7Page - STMicroelectronics STW88N65M5 Datasheet HTML 8Page - STMicroelectronics STW88N65M5 Datasheet HTML 9Page - STMicroelectronics STW88N65M5 Datasheet HTML 10Page - STMicroelectronics STW88N65M5 Datasheet HTML 11Page - STMicroelectronics STW88N65M5 Datasheet HTML 12Page - STMicroelectronics STW88N65M5 Datasheet HTML 13Page - STMicroelectronics STW88N65M5 Datasheet HTML 14Page - STMicroelectronics STW88N65M5 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID022522 Rev 4
13/15
STW88N65M5, STWA88N65M5
Package mechanical data
Figure 22. TO-247 long leads drawing
7395426_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com