Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2322IPWLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2322IPWLE
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2322IPWLE Datasheet(HTML) 2 Page - Texas Instruments

  TLV2322IPWLE Datasheet HTML 1Page - Texas Instruments TLV2322IPWLE Datasheet HTML 2Page - Texas Instruments TLV2322IPWLE Datasheet HTML 3Page - Texas Instruments TLV2322IPWLE Datasheet HTML 4Page - Texas Instruments TLV2322IPWLE Datasheet HTML 5Page - Texas Instruments TLV2322IPWLE Datasheet HTML 6Page - Texas Instruments TLV2322IPWLE Datasheet HTML 7Page - Texas Instruments TLV2322IPWLE Datasheet HTML 8Page - Texas Instruments TLV2322IPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Low-voltage and low-power operation has been made possible by using the Texas Instruments silicon-gate
LinCMOS technology. The LinCMOS process also features extremely high input impedance and ultra-low bias
currents making these amplifiers ideal for interfacing to high-impedance sources such as sensor circuits or filter
applications.
To facilitate the design of small portable equipment, the TLV232x is made available in a wide range of package
options, including the small-outline and thin-shrink small-outline packages (TSSOP). The TSSOP package has
significantly reduced dimensions compared to a standard surface-mount package. Its maximum height of only
1.1 mm makes it particularly attractive when space is critical.
The device inputs and outputs are designed to withstand –100-mA currents without sustaining latch-up. The
TLV232x incorporates internal ESD-protection circuits that prevent functional failures at voltages up to 2000 V
as tested under MIL-STD 883C, Method 3015.2; however, care should be exercised in handling these devices
as exposure to ESD can result in the degradation of the device parametric performance.
TLV2322Y chip information
This chip, when properly assembled, displays characteristics similar to the TLV2322I. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
+
–
1OUT
1IN +
1IN –
VDD
VDD – /GND
(8)
(3)
(2)
(4)
+
–
2OUT
2IN +
2IN –
(5)
(6)
59
72
(5)
(4)
(3)
(2)
(6)
(7)
(8)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com