Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4101ASX Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPX4101ASX
Description  INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4101ASX Datasheet(HTML) 5 Page - Motorola, Inc

  MPX4101ASX Datasheet HTML 1Page - Motorola, Inc MPX4101ASX Datasheet HTML 2Page - Motorola, Inc MPX4101ASX Datasheet HTML 3Page - Motorola, Inc MPX4101ASX Datasheet HTML 4Page - Motorola, Inc MPX4101ASX Datasheet HTML 5Page - Motorola, Inc MPX4101ASX Datasheet HTML 6Page - Motorola, Inc MPX4101ASX Datasheet HTML 7Page - Motorola, Inc MPX4101ASX Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPX4101 SERIES
5
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX4101A
867–08
Stainless Steel Cap
MPX4101AP
867B–04
Side with Port Marking
MPX4101AS
867E–03
Side with Port Attached
MPX4101ASX
867F–03
Side with Port Attached
ORDERING INFORMATION
The MPX4101A series MAP silicon pressure sensors are available in the Basic Element, or with pressure port fittings that
provide mounting ease and barbed hose connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Element Only
867–08
MPX4101A
MPX4101A
Ported Elements
Absolute, Ported
867B–04
MPX4101AP
MPX4101AP
Absolute, Stove Pipe Port
867E–03
MPX4101AS
MPX4101A
Absolute, Axial Port
867F–03
MPX4101ASX
MPX4101A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com