Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4045DPDF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGS4045DPDF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH UL TRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4045DPDF Datasheet(HTML) 3 Page - International Rectifier

  IRGS4045DPDF Datasheet HTML 1Page - International Rectifier IRGS4045DPDF Datasheet HTML 2Page - International Rectifier IRGS4045DPDF Datasheet HTML 3Page - International Rectifier IRGS4045DPDF Datasheet HTML 4Page - International Rectifier IRGS4045DPDF Datasheet HTML 5Page - International Rectifier IRGS4045DPDF Datasheet HTML 6Page - International Rectifier IRGS4045DPDF Datasheet HTML 7Page - International Rectifier IRGS4045DPDF Datasheet HTML 8Page - International Rectifier IRGS4045DPDF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com © 2012 International Rectifier
October 10, 2012
3
IRGS4045DPbF
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
Fig. 2 - Power Dissipation vs. Case
Temperature
Fig. 4 - Reverse Bias SOA
TJ = 175°C, VGE = 20V
Fig. 5 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 80μs
Fig. 6 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 80μs
Fig. 3 - Forward SOA,
TC = 25°C, TJ 175°C, VGE = 15V
0
20 40 60 80 100 120 140 160 180
TC (°C)
0
10
20
30
40
50
60
70
80
0
20 40 60 80 100 120 140 160 180
TC (°C)
0
2
4
6
8
10
12
14
10
100
1000
VCE (V)
0
1
10
100
1
10
100
1000
VCE (V)
0.1
1
10
100
10μsec
100μsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
0
2
4
6
8
10
VCE (V)
0
5
10
15
20
Top
V
GE
= 18V
V
GE
= 15V
V
GE
= 12V
V
GE
= 10V
Bottom V
GE
= 8.0V
0
2
4
6
8
10
VCE (V)
0
5
10
15
20
Top
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
Bottom VGE = 8.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com