Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4045DPbF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGS4045DPbF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH UL TRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4045DPbF Datasheet(HTML) 4 Page - International Rectifier

  IRGS4045DPbF Datasheet HTML 1Page - International Rectifier IRGS4045DPbF Datasheet HTML 2Page - International Rectifier IRGS4045DPbF Datasheet HTML 3Page - International Rectifier IRGS4045DPbF Datasheet HTML 4Page - International Rectifier IRGS4045DPbF Datasheet HTML 5Page - International Rectifier IRGS4045DPbF Datasheet HTML 6Page - International Rectifier IRGS4045DPbF Datasheet HTML 7Page - International Rectifier IRGS4045DPbF Datasheet HTML 8Page - International Rectifier IRGS4045DPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRGS4045DPbF
www.irf.com © 2012 International Rectifier
October 10, 2012
4
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 175°C; tp = 80μs
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 8 - Typ. Diode Forward Characteristics
tp = 80μs
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 10μs
Fig. 11 - Typical VCE vs. VGE
TJ = 175°C
0.0
1.0
2.0
3.0
VF (V)
0
2
4
6
8
10
12
14
16
18
20
-40°C
25°C
175°C
5
101520
VGE (V)
0
2
4
6
8
10
ICE = 3.0A
ICE = 6.0A
ICE = 12A
5
101520
VGE (V)
0
2
4
6
8
10
ICE = 3.0A
ICE = 6.0A
ICE = 12A
5
101520
VGE (V)
0
2
4
6
8
10
ICE = 3.0A
ICE = 6.0A
ICE = 12A
0
2
4
6
8
10
VCE (V)
0
5
10
15
20
Top
V
GE
= 18V
V
GE
= 15V
V
GE
= 12V
V
GE
= 10V
Bottom V
GE
= 8.0V
4
6
8
1012
1416
VGE, Gate-to-Emitter Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
TJ = 25°C
TJ = 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com