Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS4045DTRLPbF Datasheet(PDF) 12 Page - International Rectifier

Part # IRGS4045DTRLPbF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH UL TRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4045DTRLPbF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRGS4045DTRLPbF Datasheet HTML 4Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 5Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 6Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 7Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 8Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 9Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 10Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 11Page - International Rectifier IRGS4045DTRLPbF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IRGS4045DPbF
www.irf.com © 2012 International Rectifier
October 10, 2012
12
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice.
†
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information: http:www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
MSL1
(per JEDEC J-STD-020D)†††
RoHS Compliant
Yes
D2Pak
AEC-Q101-002
Human Body Model
Class H1A (+/- 500V)†††
AEC-Q101-001
Charged Device Model
Class C5 (+/- 1000V)†††
Qualification Information†
Qualification Level
Industrial††
(per JEDEC JESD47F) †††
Moisture Sensitivity Level
AEC-Q101-005
ESD
Machine Model
Class M2 (+/- 200V)†††



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com