Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4115AS Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX4115AS
Description  OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4115AS Datasheet(HTML) 4 Page - Motorola, Inc

  MPX4115AS Datasheet HTML 1Page - Motorola, Inc MPX4115AS Datasheet HTML 2Page - Motorola, Inc MPX4115AS Datasheet HTML 3Page - Motorola, Inc MPX4115AS Datasheet HTML 4Page - Motorola, Inc MPX4115AS Datasheet HTML 5Page - Motorola, Inc MPX4115AS Datasheet HTML 6Page - Motorola, Inc MPX4115AS Datasheet HTML 7Page - Motorola, Inc MPX4115AS Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX4115 SERIES
4
Motorola Sensor Device Data
Transfer Function
Nominal Transfer Value: Vout = VS (P x 0.009 – 0.095)
Nominal Transfer Value: +/– (Pressure Error x Temp. Factor x 0.009 x VS)
Nominal Transfer Value: VS = 5.1 V ± 0.25 Vdc
Temperature Error Band
Temp
Multiplier
– 40
3
0 to 85
1
+125
3
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
MPX4115A Series
Temperature
Error
Factor
Pressure Error Band
Pressure in kPa
Pressure
Error (Max)
15 to 115 kPa
± 1.5 kPa
9.0
6.0
3.0
–3.0
– 6.0
– 9.0
30
40
50
60
70
80
90
110 120
10
20
100
NOTE: The Temperature Multiplier is a linear response from 0
° to –40°C and from 85° to 125°C.
ORDERING INFORMATION
The MPX4115A BAP Sensor is available in the Basic Element package or with pressure port fittings that provide mounting
ease and barbed hose connections.
Device Type
Options
Case No.
MPX Series Order No.
Marking
Basic Element
Absolute, Element Only
Case 867–08
MPX4115A
MPX4115A
Absolute, Ported
Case 867B–04
MPX4115AP
MPX4115AP
Ported Elements
Absolute, Stove Pipe Port
Case 867E–03
MPX4115AS
MPX4115A
Absolute, Axial Port
Case 867F–03
MPX4115ASX
MPX4115A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com