Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC02APW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC02APW
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC02APW Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC02APW Datasheet HTML 1Page - NXP Semiconductors 74LVC02APW Datasheet HTML 2Page - NXP Semiconductors 74LVC02APW Datasheet HTML 3Page - NXP Semiconductors 74LVC02APW Datasheet HTML 4Page - NXP Semiconductors 74LVC02APW Datasheet HTML 5Page - NXP Semiconductors 74LVC02APW Datasheet HTML 6Page - NXP Semiconductors 74LVC02APW Datasheet HTML 7Page - NXP Semiconductors 74LVC02APW Datasheet HTML 8Page - NXP Semiconductors 74LVC02APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74LVC02A provides four 2-input NOR gates.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
2.
Features and benefits
5 V tolerant inputs for interfacing with 5 V logic
Wide supply voltage range from 1.2 V to 3.6 V
CMOS low power consumption
Direct interface with TTL levels
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Ordering information
74LVC02A
Quad 2-input NOR gate
Rev. 8 — 16 November 2011
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC02AD
40 Cto +125 C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC02ADB
40 Cto +125 C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74LVC02APW
40 Cto +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC02ABQ
40 Cto +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1


Similar Part No. - 74LVC02APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC02APW PHILIPS-74LVC02APW Datasheet
88Kb / 10P
Quad 2-input NOR gate
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC02APW NEXPERIA-74LVC02APW Datasheet
232Kb / 12P
Quad 2-input NOR gate
Rev. 10 - 17 September 2021
74LVC02APW-Q100 NEXPERIA-74LVC02APW-Q100 Datasheet
746Kb / 14P
Quad 2-input NOR gate
logo
NXP Semiconductors
74LVC02APWDH PHILIPS-74LVC02APWDH Datasheet
88Kb / 10P
Quad 2-input NOR gate
1998 Apr 28
More results

Similar Description - 74LVC02APW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com