Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-0820 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-0820
Description  High Current Dual Line-Driver IC 1.5 APP driving current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-0820 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-0820 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-0820 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Connection Diagrams
STATUS
TX-EN
TXn
PLM Transceiver
Status
In1
In2
Tx -en
Gnd
Out2
Out1
Vdd
Filter
ACPL-0820
5V
L
N
1
2
3
4
8
7
6
5
TXp
R1
R2
R3
R4
Gain of Amp1 = - R3/R1,
Gain of Amp2 = - R4/R2, R1=R2, R3=R4, Overall Differential Output Vout = (R3/R1)
. V
in
a) Differential to differential Connections
Vin
Vout
5V
STATUS
TX -EN
TX
PLM Transceiver
Status
In1
In2
Tx -en
Gnd
Out2
Out1
Vdd
Filter
ACPL -0820
5V
L
N
1
2
3
4
8
7
6
5
R1
R2
Gain of Amp2 = - R2/R1, Overall Output Voltage Vout = - (R2/R1)
. V
in
b) Single-ended to single-ended Connections
Vin
Vout
5V
STATUS
TX-EN
TX
PLM Transceiver
Status
In1
In2
Tx -en
Gnd
Out2
Out1
Vdd
Filter
ACPL-0820
5V
L
N
1
2
3
4
8
7
6
5
R3
R4
c) High Driving Capacity Connections of Dual Line Drivers
R1
R2
Vin
Vout
5V
1
Ω
1
Ω >1µF
>1
µF
Iout1
Iout2
Iout
Gain of Amp1 = - R2/R1, Gain of Amp2 = - R4/R3, R1 = R3, R2 = R4, R5 = R6, Overall Output Voltage Vout ≈ - (R2/R1) . Vin, Iout = Iout1+Iout2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com