Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C780 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C780 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Absolute Maximum Rating
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
+125
°C
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD1, VDD2
0
5.5
V
Steady-State Input Voltage
VIN+, VIN–
–2
VDD1 + 0.5
V
Two Second Transient Input Voltage
VIN+, VIN–
–6
V
Output Voltages
VOUT+, VOUT–
–0.5
VDD2 + 0.5
V
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
1
Notes:
1. Non-Halide Flux should be used.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
TA
–40
+85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Input Voltage (linear and accurate)
VIN+, VIN–
–200
+200
mV
1
Input Voltage (functional)
VIN+, VIN–
–2
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com