Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RJ45-AQ502 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RJ45-AQ502
Description  0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RJ45-AQ502 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RJ45-AQ502 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45-AQ502 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ASMT-Rx45-xxxxx
0.45mm Leadframe-Based Surface Mount ChipLED
Data Sheet
CAUTION: ASMT-Rx45 LEDs are Class 1C ESD sensitive per JESD22-A114C.01. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Description
Avago’s ultra-thin ASMT-Rx45 ChipLEDs were developed
based on the industrial standard ChipLED 0603 platform
which requires less board space. These ChipLEDs provide
a wide viewing angle of 130 degrees to improve visibility
in bright sunlight.
In addition to the high-brightness and compact size,
Avago’s ASMT-Rx45 ChipLEDs provide two significant
advantages in the production environment: They can
be easily soldered using IR solder reflow process, and
the package is qualified to a Joint Electronic Device En-
gineering Council (JEDEC) moisture sensitive level (MSL)
rating of 2a. For manufacturers, this rating means that
these ChipLEDs can be kept in the open air (30 degrees
C, 60 percent relative humidity) for up to four weeks after
being removed from its sealed package without the need
to remove absorbed moisture.
Avago’s ultra-thin Leadframe ChipLED available in Red,
Orange, Yellow Green and Amber colors, the ASMT-Rx45
series is ideal for use by lighting designers developing
backlighting for dashboards and entertainment consoles
in automobiles, backlighting of industrial switches and
buttons, and small pixel indoor signs.
Features
• Industrial 0603 platform – 1.6 x 0.8 x 0.45mm
• Automotive qualified
• Super wide 145 deg viewing angle
• JEDEC MSL 2a.
• Robust Operating Temperature from - 40 to +100°C
• Junction Temperature Tj = 110°C
• Available in 4000 parts per reel
• RoHS & IR Reflow compatible
Applications
• Interior Automotive
– Navigation backlighting
– Audio panel backlighting
– Push Button backlighting
• Office Automation, home appliances, industrial
equipment
– Front panel backlighting
– Push Button backlighting
– LCD backlighting
– Switches backlighting
– Navigation backlighting


Similar Part No. - ASMT-RJ45-AQ502

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-RJ45-AQ502 BOARDCOM-ASMT-RJ45-AQ502 Datasheet
505Kb / 9P
0.45-mm Leadframe-Based Surface Mount ChipLED
More results

Similar Description - ASMT-RJ45-AQ502

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RX45-XXXXX AVAGO-ASMT-RX45-XXXXX Datasheet
264Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED
HSMR-CL25 AVAGO-HSMR-CL25 Datasheet
184Kb / 6P
0.25mm Blue Leadframe-Based Surface Mount ChipLED
HSMW-CL25 AVAGO-HSMW-CL25 Datasheet
178Kb / 6P
0.25mm White Leadframe-Based Surface Mount ChipLED
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
Wide viewing angle
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
Wide viewing angle
06-Jun-14
logo
Broadcom Corporation.
ASMT-RX45-XXXXX BOARDCOM-ASMT-RX45-XXXXX Datasheet
505Kb / 9P
0.45-mm Leadframe-Based Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com