Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52RC3JS Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # 52RC3JS
Description  30 mm Heavy Duty, Watertight/Oiltight, Class 52
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

52RC3JS Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  52RC3JS Datasheet HTML 1Page - Siemens Semiconductor Group 52RC3JS Datasheet HTML 2Page - Siemens Semiconductor Group 52RC3JS Datasheet HTML 3Page - Siemens Semiconductor Group 52RC3JS Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10/159
Product Category: PILO
Accessories and spare parts
Pushbutton Units and Indicator Lights
30 mm Heavy Duty, Watertight/Oiltight, Class 52
Siemens Industry, Inc.
Industrial Controls Catalog
Siemens / Industrial Controls
Previous folio: new page
Selection and ordering data
Version
Suitable for
Color
Order no.
List
Price
$
Mushroom head push pull
illuminated plastic
For small 1 3/4” type, push-pull units
red
52RC3JR
green
52RC3JS
amber
52RC3JT
For large 2 1/2” type, push-pull units
red
52RC3KR
green
52RC3KS
amber
52RC3KT
Mushroom head push pull
illuminated metal
Chrome, for small 1 3/4” type, push-pull
units
red
52RB3H2
green
52RB3H3
amber
52RB3H9
white
52RB3HB
BlackMax, for small 1 3/4” type, push-pull
units
red
52RX3H2
green
52RX3H3
amber
52RX3H9
white
52RX3HB
Mushroom head push pull
non-illuminated plastic
For small 1 3/4” type, push-pull units
(catalog numbers starting with 52PP or
52BP)
black
52RC3D1
red
52RC3D2
green
52RC3D3
yellow
52RC3D4
blue
52RC3D5
gray
52RC3D6
orange
52RC3D8
1 of each color
52RC3DN
For large 2 1/2” type, push-pull units
(catalog numbers starting with 52PP or
52BP)
black
52RC3E1
red
52RC3E2
green
52RC3E3
yellow
52RC3E4
blue
52RC3E5
gray
52RC3E6
orange
52RC3E8
1 of each color
52RC3EN
Mushroom head push pull
non-illuminated metal
For small 1 3/4” type, push-pull units
(catalog numbers starting with 52PP or
52BP)
red
52RC3F2
green
52RC3F3
chrome
52RC3FC
Twist to release head
illuminated plastic
For small twist to release units
red
52RC3RR
green
52RC3RS
amber
52RC3RT
Twist to release head
non-illuminated plastic
For small twist to release units
red
52RC3R2
green
52RC3R3
yellow
52RC3R4
Replacement lens kit for
red
52RA6P2
Illuminated selector switches
(Knob with Insert)
green
52RA6P3
blue
52RA6P5
amber
52RA6P9
clear
52RA6PA
white
52RA6PB
Lever inserts
red
52RA2A2
Short lever
green
52RA2A3
yellow
52RA2A4
blue
52RA2A5
gray
52RA2A6
orange
52RA2A8
white
52RA2AB
Long lever
red
52RA2B2
green
52RA2B3
yellow
52RA2B4
blue
52RA2B5
gray
52RA2B6
orange
52RA2B8
white
52RA2BB
For push-pull units whose catalog numbers that start with 52PX, 52PA or 52PE, replacement heads are available.
Order from the 52RB type “Mushroom head pushbutton cap” section on page 10/158.
• Revised •
03/20/2012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com