Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEAT-601B Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAT-601B
Description  Incremental Magnetic Encoder Contactless sensing technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAT-601B Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AEAT-601B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAT-601B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAT-601B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAT-601B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAT-601B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table 1. Absolute Maximum Ratings [1, 2]
Parameter
Symbol
Limits
Units
DC Supply Voltage at pin VDD = 5V
VDD
-0.3 to + 7
V
Input Voltage
Vi
-0.3 to VDD+0.3
V
Storage Temperature
Tstg
-40 to 125
qC
Notes:
1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
2. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 2. Recommended Operating Condition
Parameters
Symbols
Values
Units
Notes
DC Supply Voltage at pin VDD = 5V
VDD
+4.5 / +5.5
V
Operating Temperature
Tamb
40/125
°C
Rotational Speed :
Mechanical (max)
12000
RPM
Electrical (max)
7000
RPM
Notes:
1. Under recommended mounting and tolerance, and mechanical shaft play, the incremental encoder's quadrature output (quater cycle phase shift
between Channel-A and Channel-B) is always maintained. The dynamic performance of the encoder output are depicted in the figures under
Encoding Characteristic.
2. The magnetic incremental output has a fixed hysteresis of 0.7 degrees for all different CPR options (equivalent to 2 quadrature counts at 256 CPR
or 0.5 quadrature count at 64 CPR).
3. The quadrature decoding of both the Channel-A and Channel-B would ensure that the incremental counts are maintained even when there is
transition noise due to fluctuation of the magnetic field strength.
Table 3. DC Characteristics
DC Characteristics over Recommended Operating Range, typical at 25
qC
Parameter
Symbol
Condition
Values
Units
Notes
Min
Typ.
Max
VDD Supply Current
IDD
16
20
mA
Output High Voltage
VOH
VDD-0.5
V
Output Low Voltage
VOL
VSS+0.4
V
Output Current
IO
4mA
VDD pin = 4.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com