Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52AXGL Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # 52AXGL
Description  30 mm Heavy Duty, Watertight/Oiltight, Class 52
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

52AXGL Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  52AXGL Datasheet HTML 1Page - Siemens Semiconductor Group 52AXGL Datasheet HTML 2Page - Siemens Semiconductor Group 52AXGL Datasheet HTML 3Page - Siemens Semiconductor Group 52AXGL Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10/158
Product Category: PILO
Accessories and spare parts
Pushbutton Units and Indicator Lights
30 mm Heavy Duty, Watertight/Oiltight, Class 52
Siemens Industry, Inc.
Industrial Controls Catalog
Siemens / Industrial Controls
Previous folio: 10/153
Selection and ordering data
Version
Suitable for
Color
Order no.
List
Price
$
Flush actuator lens cap
For flush type,
non-illuminated pushbuttons bag of 20 caps
black
52RA1A1
red
52RA1A2
green
52RA1A3
yellow
52RA1A4
blue
52RA1A5
gray
52RA1A6
orange
52RA1A8
kit- all colors
52RA1AN
Extended actuator lens cap
For extended type, non-illuminated pushbuttons
bag of 20 caps
black
52RA1B1
red
52RA1B2
green
52RA1B3
yellow
52RA1B4
blue
52RA1B5
gray
52RA1B6
orange
52RA1B8
1 of each color cap
52RA1BN
Mushroom head cap - Plastic
For large 2 1/2”(63.5mm) type, set screw
non-illuminated mushroom pushbuttons
black
52RB3E1
red
52RB3E2
green
52RB3E3
yellow
52RB3E4
blue
52RB3E5
gray
52RB3E6
orange
52RB3E8
1 kit of each color cap
52RB3EN
For small 1 5/8”(41.3mm) type, non-illuminated
mushroom pushbuttons
black
52RB3D1
red
52RB3D2
green
52RB3D3
yellow
52RB3D4
blue
52RB3D5
gray
52RB3D6
orange
52RB3D8
1 of each color cap
52RB3DN
Mushroom head cap - Metal
For small 1 5/8”(41.3mm) type, set screw
non-illuminated mushroom pushbuttons
chrome
52RB3FC
red
52RB3F2
green
52RB3F3
Replacement Lens for Indicator
Lights
For catalog numbers starting with 52PL or 52BL
Plastic
red
52RA4S2
green
52RA4S3
blue
52RA4S5
amber
52RA4S9
clear
52RA4SA
white
52RA4SB
1 of each color
52RA4SN
Glass
red
52RA4T2
green
52RA4T3
blue
52RA4T5
amber
52RA4T9
clear
52RA4TA
white
52RA4TB
1 of each color
52RA4TN
Replacement Lens forPush to
Test/Illuminated Pushbuttons
For catalog numbers starting with 52PT or 52BT
Plastic
red
52RA5S2
green
52RA5S3
blue
52RA5S5
amber
52RA5S9
clear
52RA5SA
white
52RA5SB
To order replacement lens for indicator lights starting with 52PA, 52PE, or
52PX, change the 6th digit to P for plastic and G for glass.
It is possible to retrofit catalog numbers starting with 52PA, 52PE and 52PX
with the replacement lens. The new lens have concentric ribs for improved
light distribution.
To order replacement lens for push to test / illuminated pushbuttons starting
with 52PA, 52PE, or 52PX, change the 6th digit to a P.
• Revised •
03/20/2012


Similar Part No. - 52AXGL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
52AMI02L ICST-52AMI02L Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
52AMI11L ICST-52AMI11L Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
More results

Similar Description - 52AXGL

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
30 AMP HEAVY DUTY POWER RELAY
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
Omron Electronics LLC
MGN2A-AC24 OMRON-MGN2A-AC24 Datasheet
332Kb / 4P
30 Amp Heavy Duty Relay
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com