Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-R12D8T Datasheet(PDF) 1 Page - Rohm

Part # SML-R12D8T
Description  SML-R1 Series PICOLED-side
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-R12D8T Datasheet(HTML) 1 Page - Rohm

  SML-R12D8T Datasheet HTML 1Page - Rohm SML-R12D8T Datasheet HTML 2Page - Rohm SML-R12D8T Datasheet HTML 3Page - Rohm SML-R12D8T Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.6
1.2
1.1
Cathode mark
1.2
0.9
3.3
Tolerance : ±0.1
(unit : mm)
(unit : mm)
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(μA) V
R
(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
■ SML-R12V8T
AIGaInP
on GaAs
Red
54
20
100*1
5
-40 to +85
-40 to +100
2.2
20
10
5
625
630
635
20
16
40
20
■ SML-R12U8T
615
620
625
25
63
■ SML-R12D8T
Orange
602
605
608
40
100
■ SML-R12Y8T
Yellow
587
590
593
25
63
■ SML-R12M8T
Yellowish
Green
569
572
575
10
25
■ SML-R12P8T
Green
557
560
563
2.5
6.3
■ SMLR13BDT
InGaN
Blue
66
3.0
5
465
470
475
5
14
36
5
Color
Type
V
U
D
Y
M
P
B
SML-R1 Series
Features
・Ultra compact, thin side-view type LED
・Ultra low height package t=0.2mm
16115(0604)
1.6×1.15mm(t=0.2mm)
*1:Duty1/10, 1kHz /*2:Reference
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X - Y
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X’ - Y’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X’ - Y’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X - Y
SML-R12x8T Series
SMLR13BDT
Directivity (deg)
Directivity (deg)
Directivity (deg)
Directivity (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
PICOLEDTM-side
*PICOLEDTM is ROHM's pending trademark.
1/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.C


Similar Part No. - SML-R12D8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-R12D8T ROHM-SML-R12D8T Datasheet
1Mb / 4P
Ultra compact,thin side-view type LED
SML-R12D8T ROHM-SML-R12D8T Datasheet
1Mb / 4P
Ultra compact, thin side-view type LED
More results

Similar Description - SML-R12D8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-022ML8TT86 ROHM-SML-022ML8TT86 Datasheet
1Mb / 4P
SML-02 Series
SML-512UWT86 ROHM-SML-512UWT86 Datasheet
1Mb / 4P
SML-51 Series
SMLP12BC7TT86 ROHM-SMLP12BC7TT86 Datasheet
1Mb / 4P
SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-521MUWT86 ROHM-SML-521MUWT86 Datasheet
1Mb / 4P
SML-52 Series
SMLE12BC7TT86 ROHM-SMLE12BC7TT86 Datasheet
1Mb / 4P
SML-E1 Series
SML-511UWT86 ROHM-SML-511UWT86 Datasheet
1Mb / 4P
SML-51 Series
SML-D12V8WT86 ROHM-SML-D12V8WT86 Datasheet
1Mb / 4P
SML-D1 Series EXCELED
SML-P11MTT86 ROHM-SML-P11MTT86 Datasheet
966Kb / 4P
SML-P11 Series PICOLED-eco
SMLA12WBC7W1 ROHM-SMLA12WBC7W1 Datasheet
1Mb / 4P
SML-A1 Series EXCELEDTM
SMLV56RGB1W1 ROHM-SMLV56RGB1W1 Datasheet
1Mb / 4P
SMLV56 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com