Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4250ASX Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPX4250ASX
Description  INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4250ASX Datasheet(HTML) 5 Page - Motorola, Inc

  MPX4250ASX Datasheet HTML 1Page - Motorola, Inc MPX4250ASX Datasheet HTML 2Page - Motorola, Inc MPX4250ASX Datasheet HTML 3Page - Motorola, Inc MPX4250ASX Datasheet HTML 4Page - Motorola, Inc MPX4250ASX Datasheet HTML 5Page - Motorola, Inc MPX4250ASX Datasheet HTML 6Page - Motorola, Inc MPX4250ASX Datasheet HTML 7Page - Motorola, Inc MPX4250ASX Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPX4250 SERIES
5
Motorola Sensor Device Data
PACKAGE DIMENSIONS
BASIC ELEMENT (D)
CASE 867–08
ISSUE N
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
PIN 1
F
G
N
L
R
C
B
M
J
S
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION –A– IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
–A–
12
34
56
6 PL
D
SEATING
PLANE
–T–
M
A
M
0.136 (0.005)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.595
0.630
15.11
16.00
B
0.514
0.534
13.06
13.56
C
0.200
0.220
5.08
5.59
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.40
L
0.695
0.725
17.65
18.42
M
30 NOM
30 NOM
N
0.475
0.495
12.07
12.57
R
0.430
0.450
10.92
11.43
S
0.090
0.105
2.29
2.66
__
POSITIVE PRESSURE
(P1)
PRESSURE SIDE PORTED (AP)
CASE 867B–04
ISSUE E
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
SEATING
PLANE
–T–
R
N
C
J
PIN 1
–P–
M
Q
M
0.25 (0.010)
T
B
6 PL
D
G
F
S
K
V
S
P
M
0.13 (0.005)
Q S
T
PORT #1
POSITIVE
PRESSURE (P1)
–Q–
L
U
A
12
3
4
5
6
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.305
0.325
7.75
8.26
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.230
0.250
5.84
6.35
S
U
0.910 BSC
23.11 BSC
V
0.182
0.194
4.62
4.93
0.220
0.240
5.59
6.10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com