Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37X100C01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PV37X100C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37X100C01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PV37X100C01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
1
2
3
4
5
6
7
Part Numbering
2
Selection Guide of Trimmer Potentiometers
3
SMD Open Type 2mm Size PVZ2/PVA2 Series
4
PVZ2/PVA2 Series Notice
8
SMD Open Type 3mm Size PVZ3 Series
10
PVZ3 Series Notice
14
SMD Sealed Type 3mm Size PVG3 Series
16
PVG3 Series Notice
19
SMD Sealed Type 4mm Size PVM4 Series
21
PVM4 Series Notice
23
SMD Sealed Type Multi-turn PVG5 Series
26
PVG5 Series Notice
29
Lead Sealed Type Single-turn PV32 Series
31
PV32 Series Notice
34
Lead Sealed Type Multi-turn PV12/PV37/PV36 Series
36
PV12/PV37/PV36 Series Notice
43
SMD Open Type (PVZ2/A2/Z3)/SMD Sealed Type (PVM4A_C01 Series) Specifications and Test Methods
45
SMD Sealed Type (PVG3/M4A_D01/G5)/Lead Sealed Type (PV32/12/37/36) Specifications and Test Methods
46
Packaging
49
Recommended Adjustment Tools/Qualified Standards
52
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com