Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37X103C01 Datasheet(PDF) 38 Page - Murata Manufacturing Co., Ltd.

Part # PV37X103C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37X103C01 Datasheet(HTML) 38 Page - Murata Manufacturing Co., Ltd.

Back Button PV37X103C01 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. PV37X103C01 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Trimmer Potentiometers
Lead Sealed Type Multi-turn PV12/PV37/PV36 Series
#2
#1
#3
CLOCKWISE
#1
#2
#3
0.6±0.1
0.7±0.1 Depth
6.6±0.1
7.0±1.0
0.5
2.5 2.5
Tolerance : ±0.3
(
in mm)
PV12P
#2
#1
#3
CLOCKWISE
#1
#2
#3
7.6±0.3
0.6±0.1
7.7±0.3
6.3±0.3
3–0.5±0.1 Dia.
2.5 2.5
0.7±0.1 Depth
Tolerance : ±0.3
(
in mm)
PV12T
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PV12P100A01
0.5(70°C)
4
10ohm±10%
±100
PV12P200A01
0.5(70°C)
4
20ohm±10%
±100
PV12P500A01
0.5(70°C)
4
50ohm±10%
±100
PV12P101A01
0.5(70°C)
4
100ohm±10%
±100
PV12P201A01
0.5(70°C)
4
200ohm±10%
±100
PV12P501A01
0.5(70°C)
4
500ohm±10%
±100
PV12P102A01
0.5(70°C)
4
1k ohm±10%
±100
PV12P202A01
0.5(70°C)
4
2k ohm±10%
±100
PV12P502A01
0.5(70°C)
4
5k ohm±10%
±100
PV12P103A01
0.5(70°C)
4
10k ohm±10%
±100
PV12P203A01
0.5(70°C)
4
20k ohm±10%
±100
PV12P503A01
0.5(70°C)
4
50k ohm±10%
±100
PV12P104A01
0.5(70°C)
4
100k ohm±10%
±100
PV12P204A01
0.5(70°C)
4
200k ohm±10%
±100
PV12P504A01
0.5(70°C)
4
500k ohm±10%
±100
PV12P105A01
0.5(70°C)
4
1M ohm±10%
±100
PV12P205A01
0.5(70°C)
4
2M ohm±10%
±100
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Soldering Iron
R50E.pdf
Jul.23,2012
36
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
PV12 Series
Top Adjustment
c Features
1. The unique inner gear system recognizes the
position of the center of the shaft of the
potentiometer.
2. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
3. Available for ultrasonic cleaning after soldering.
4. Clutch mechanism prevents excessive wiper rotation.
5. PV12 series complies with RoHS directive.
c Applications
1. HDTVs
5. Printers
2. Professional cameras
6. Sensors
3. CATV
7. Switching power supplies
4. FAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com