Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R020-0.5 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R020-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R020-0.5 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PBV-R020-0.5 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pin Configuration and Descriptions
Figure 1. Pin configuration.
VDD1 1
2
3
4
8
7
6
5
VIN+
VIN–
GND1
VDD2
MCLK
MDAT
GND2
ACPL-7970
Table 1. Pin descriptions.
Pin No.
Symbol
Description
1
VDD1
Supply voltage for signal input side (analog side), relative to GND1
2
VIN+
Positive analog input, recommended input range ±200 mV
3
VIN–
Negative analog input, recommended input range ±200 mV (normally connected to GND1)
4
GND1
Supply ground for signal input side
5
GND2
Supply ground for data/clock output side (digital side)
6
MDAT
Modulator data output
7
MCLK
Modulator clock output
8
VDD2
Supply voltage for data output side, relative to GND2
Table 2. Ordering Information
ACPL-7970 is UL recognized with 5000 Vrms/1 minute rating per UL 1577.
Part number
Option (RoHS
Compliant)
Package
Surface
Mount
Gull Wing
Tape & Reel
IEC/EN/DIN EN
60747-5-5
Quantity
ACPL-7970
-000E
300 mil
DIP-8
X
50 per tube
-300E
X
X
X
50 per tube
-500E
X
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example:
ACPL-7970-500E to order product of Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5
Safety Approval and RoHS compliance.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com