Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R005-0.5 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R005-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R005-0.5 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  PBV-R005-0.5 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R005-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Table 3. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics [1]
Description
Symbol
Value
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 450 V rms
for rated mains voltage ≤ 600 Vrms
I-IV
I-IV
I-IV
I-IV
Climatic Classification
55/105/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial Discharge < 5 pC
VPR
1671
Vpeak
Input to Output Test Voltage, Method a
VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec,
Partial Discharge < 5 pC
VPR
1426
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage, tini = 60 sec)
VIOTM
8000
Vpeak
Safety-limiting values
(Maximum values allowed in the event of a failure)
Case Temperature
Input Current [2]
Output Power [2]
TS
IS,INPUT
PS,OUTPUT
175
400
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
Ω
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits within the
application.
2. Safety-limiting parameters are dependent on ambient temperature. The Input Current, IS,INPUT, derates linearly above 25° C free-air temperature at
a rate of 2.67 mA/°C; the Output Power, PS,OUTPUT, derates linearly above 25° C free-air temperature at a rate of 4 mW/°C.
Table 4. Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
7.4
mm
Measured from input terminals to output terminals, shortest
distance through air
Minimum External Tracking
(External Creepage)
L(102)
8.0
mm
Measured from input terminals to output terminals, shortest
distance path along body
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance, conductor to conductor,
usually the direct distance between the photoemitter and
photodetector inside the optocoupler cavity
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com