Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOJA106M006RWJ Datasheet(PDF) 2 Page - AVX Corporation

Part # NOJA106M006RWJ
Description  Niobium Oxide Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJA106M006RWJ Datasheet(HTML) 2 Page - AVX Corporation

  NOJA106M006RWJ Datasheet HTML 1Page - AVX Corporation NOJA106M006RWJ Datasheet HTML 2Page - AVX Corporation NOJA106M006RWJ Datasheet HTML 3Page - AVX Corporation NOJA106M006RWJ Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAY 2013
99
OxiCap® NOJ Series
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (VR) to 85°C / 0.66 DC to 105°C
μF
Code
1.8V (x)
2.5V (e)
4V (G)
6.3V (J)
10V (A)
4.7
475
A
A
6.8
685
A
A
10
106
A
A/B
15
156
AA/B
A/B
22
226
A
A/B
A/B
B/C/B(700)
33
336
A/B
A/B
B/C/B(700)
C
47
476
A
A/B
A/B/C
B/C
C
68
686
B
B/C
B/C
B/C
C
100
107
B/C
B/C
B/C/B(250)
B/C/D/B(400)
D/D(150)
150
157
C
C
C/D
C/D
220
227
C
C
C/D
C/D/E
V
330
337
C
C/D
D
D/E
470
477
D/E
D/E
E/V
680
687
E
E/V
1000
108
V
V
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
NON-BURN
NON-SMOKE
LEAD-FREE COMPATIBLE
COMPONENT
Released codes
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com