Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE350-60 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE350-60
Description  SMA Male to SMA Male High Performance Test Cable 26 Ghz 60 Inch Length Using PE-P141 Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE350-60 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE350-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE350-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE350-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Temperature
Temperature Operating Range, deg C
-55 to +125
Size
Length, in [cm]
60 [152.4]
Diameter, in [mm]
0.163 [4.14]
.
Weight, lbs [g]
0.028 [12.7]
Cable Color
Blue
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.163 [4.14]
Connector 1
Type
SMA Male
Configuration
Straight
Connector 2
Type
SMA Male
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to SMA Male High Performance Test Cable 26 Ghz 60 Inch Length Using PE-P141 Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male High Performance Test Cable 26 Ghz 60 Inch Length Using PE-P141
Coax, RoHS PE350-60
URL: http://www.pasternack.com/sma-male-sma-male-pe-p141-cable-assembly-pe350-60-p.aspx
PE350-60 REV 1.1
PE350-60
SMA Male to SMA Male High Performance Test Cable
26 Ghz 60 Inch Length Using PE-P141 Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com