Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP152N085T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP152N085T
Description  Preliminary Technical Information TrenchMVTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP152N085T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP152N085T Datasheet HTML 1Page - IXYS Corporation IXTP152N085T Datasheet HTML 2Page - IXYS Corporation IXTP152N085T Datasheet HTML 3Page - IXYS Corporation IXTP152N085T Datasheet HTML 4Page - IXYS Corporation IXTP152N085T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA152N085T
IXTP152N085T
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 60 A, Note 1
60
100
S
C
iss
5500
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
720
pF
C
rss
150
pF
t
d(on)
Resistive Switching Times
30
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 25 A
50
ns
t
d(off)
R
G = 5 Ω (External)
50
ns
t
f
45
ns
Q
g(on)
114
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
30
nC
Q
gd
35
nC
R
thJC
0.42
°C/W
R
thCH
TO-220
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
152
A
I
SM
Pulse width limited by T
JM
410
A
V
SD
I
F = 25 A, VGS = 0 V, Note 1
1.0
V
t
rr
I
F = 25 A, -di/dt = 100 A/µs90
ns
V
R = 40 V, VGS = 0 V
Notes: 1. Pulse test, t ≤300 µs, duty cycle d ≤ 2 %;
2. On through-hole packages, R
DS(on) Kelvin test contact
location must be 5 mm or less from the package body.
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-263AA (IXTA) Outline
Pins: 1 - Gate
2 - Drain
3 - Source 4, TAB - Drain
Pins: 1 - Gate
2 - Drain
3 - Source 4, TAB - Drain
TO-220AB (IXTP) Outline
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478 B2 7,071,537
PRELIMINARYTECHNICALINFORMATION
The product presented herein is under development. The Technical Specifications
offered are derived from data gathered during objective characterizations of preliminary
engineering lots; but also may yet contain some information supplied during a pre-
production design evaluation. IXYS reserves the right to change limits, test conditions,
and dimensions without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com