Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1047AVNBTR Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1047AVNBTR
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047AVNBTR Datasheet(HTML) 4 Page - Microchip Technology

  TC1047AVNBTR Datasheet HTML 1Page - Microchip Technology TC1047AVNBTR Datasheet HTML 2Page - Microchip Technology TC1047AVNBTR Datasheet HTML 3Page - Microchip Technology TC1047AVNBTR Datasheet HTML 4Page - Microchip Technology TC1047AVNBTR Datasheet HTML 5Page - Microchip Technology TC1047AVNBTR Datasheet HTML 6Page - Microchip Technology TC1047AVNBTR Datasheet HTML 7Page - Microchip Technology TC1047AVNBTR Datasheet HTML 8Page - Microchip Technology TC1047AVNBTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1047/TC1047A
DS21498D-page 4
 2001-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
4.0
DETAILED DESCRIPTION
The TC1047 and TC1047A have an output voltage that
varies linearly with temperature in degrees Celsius.
Figure 4-1 shows a plot of the output voltage versus
temperature for the TC1047 and TC1047A. The
temperature slope is fixed at 10 mV/°C and the output
voltage at 0°C is 500 mV.
FIGURE 4-1:
Output Voltage vs. Temperature.
Pin No.
Symbol
Description
1VDD
Input Supply Voltage
2VOUT
Temperature Sensor Output Terminal
3VSS
Ground Terminal
1.75
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
–40 –30 –20 –10 0
10
20
30
40
50
60
70 80
90 100 110 120
125
Temperature (
°C)
VOUT = (10 mV/°C) (Temperature °C) + 500 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com