Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH50N30 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH50N30
Description  Advance Technical Information High Current Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH50N30 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH50N30 Datasheet HTML 1Page - IXYS Corporation IXTH50N30 Datasheet HTML 2Page - IXYS Corporation IXTH50N30 Datasheet HTML 3Page - IXYS Corporation IXTH50N30 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
300
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
300
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C50
A
I
DM
T
C = 25°C, pulse width limited by TJM
200
A
I
AR
T
C = 25°C50
A
E
AR
T
C = 25°C50
mJ
E
AS
T
C = 25°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
M
d
Mounting torque (TO-247)
1.13/10 Nm/lb.in.
Weight
TO-247
6
g
TO-268
5
g
TO-247 (IXTH)
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
DS99011A(08/03)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
300
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.0
4.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
T
J =
25
°C25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
65
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
High Current
Power MOSFET
IXTH 50N30
V
DSS
= 300
V
IXTT 50N30
I
D25
=
50
A
R
DS(on)
=
65 m
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
N-Channel Enhancement Mode
Features
International standard packages
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
TO-268 (IXTT)
G
S
D (TAB)


Similar Part No. - IXTH50N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH50N30 ISC-IXTH50N30 Datasheet
380Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH50N30L2 IXYS-IXTH50N30L2 Datasheet
180Kb / 6P
N-Channel Power MOSFET
More results

Similar Description - IXTH50N30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA98N075T IXYS-IXTA98N075T Datasheet
79Kb / 2P
Advance Technical Information TrenchMVTM Power MOSFET
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
Advance Technical Information
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com