Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP42N25P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP42N25P
Description  PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP42N25P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP42N25P Datasheet HTML 1Page - IXYS Corporation IXTP42N25P Datasheet HTML 2Page - IXYS Corporation IXTP42N25P Datasheet HTML 3Page - IXYS Corporation IXTP42N25P Datasheet HTML 4Page - IXYS Corporation IXTP42N25P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA 42N25P IXTP 42N25P
IXTQ 42N25P
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 0.5 ID25, pulse test
12
20
S
C
iss
2300
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
430
pF
C
rss
115
pF
t
d(on)
24
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
28
ns
t
d(off)
R
G = 10 Ω (External)
81
ns
t
f
30
ns
Q
g(on)
70
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
17
nC
Q
gd
37
nC
R
thJC
0.42
°C/W
R
thCS
(TO-3P)
0.21
°C/W
(TO-220)
0.25
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
42
A
I
SM
Repetitive
110
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 25 A
200
ns
-di/dt = 100 A/
µs
Q
RM
V
R = 100 V
2.0
µC
TO-3P (IXTQ) Outline
Pins: 1 - Gate
2 - Drain
TO-220 (IXTP) Outline
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2
TO-263 (IXTA) Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com